データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMT31 データシート(PDF) 11 Page - CUI INC

部品番号 AMT31
部品情報  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

AMT31 データシート(HTML) 11 Page - CUI INC

Back Button AMT31_V01 Datasheet HTML 3Page - CUI INC AMT31_V01 Datasheet HTML 4Page - CUI INC AMT31_V01 Datasheet HTML 5Page - CUI INC AMT31_V01 Datasheet HTML 6Page - CUI INC AMT31_V01 Datasheet HTML 7Page - CUI INC AMT31_V01 Datasheet HTML 8Page - CUI INC AMT31_V01 Datasheet HTML 9Page - CUI INC AMT31_V01 Datasheet HTML 10Page - CUI INC AMT31_V01 Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CUI Devices
│ SERIES: AMT31 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
date 09/10/2021
│ page 11 of 11
cuidevices.com
CUI Devices offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI Devices reserves the right to make changes to the product at any time without notice. Information provided by CUI Devices is believed to be accurate and reliable. However, no
responsibility is assumed by CUI Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI Devices products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any
component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or
effectiveness.
rev.
description
date
1.0
initial release
09/30/2014
1.01
updated datasheet
06/25/2015
1.02
updated datasheet
10/13/2015
1.03
added 360 & 2500 PPR resolutions, increased operating temperature to
125°C
12/18/2017
1.04
changed outer mounting holes to be oblong on wide base version
10/10/2018
1.05
brand update
11/21/2019
1.06
updated quadrature duty cycle details
10/08/2020
1.07
added motor shaft tolerance details, updated start-up details
09/10/2021
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com