| データシートサーチシステム |
|
PCA8530DUG/DA データシート(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DA データシート(HTML) 46 Page - NXP Semiconductors |
|
46 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 46 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 8.10.6 LCD drive mode waveforms 8.10.6.1 Static drive mode The static LCD drive mode is used when a single backplane is provided in the LCD. Vstate1(t) = VSn(t) VBP0(t). Vstate2(t) = V(Sn + 1)(t) VBP0(t). Von(RMS)(t) = VLCD. Voff(RMS)(t) = 0 V. Fig 25. Static drive mode waveforms, line inversion mode (n = 1) |