データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATLS201DEV1.0 データシート(PDF) 5 Page - Analog Technologies, Inc.

部品番号 ATLS201DEV1.0
部品情報  Constant Current Laser Driver ATLS201D Evaluation board Rev. 1.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
ホームページ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS201DEV1.0 データシート(HTML) 5 Page - Analog Technologies, Inc.

  ATLS201DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
5
Analog Technologies
Evaluation Board for ATLS201D
ATLS201DEV1.0
voltage reference from the driver can be used as the
voltage reference for the ADCs and DACs.
13. Connecting a real laser diode to the evaluation board.
After making sure that the driver works properly after
going through the steps above, a real laser diode can be
connected to the evaluation board. This is the procedure:
A. Solder the laser diode terminal wires to the LDA and
LDC solder pads, or use the LDA and LDC
conductors on the terminal block TB3 and lock the
wires by using the screws. Make sure that the
connections are tight and secure, no intermittent
disconnection will occur. Set the output forward
voltage to 1.4V by switching S3, S4, S5 and S6 to the
upper on position. Turn on the power supply, and see
if everything works perfectly as described above.
B. Turn off the power, turn the switch S2 to the lower
off position and turn on the power again. After this
moment, be more careful in doing anything on the
board, because any mistake in operating the board or
any intermittent disconnections for connections on
the board may result in damaging the laser diode
permanently.
C. If everything still works fine after step C above, the
user can proceed to testing the laser itself. The output
current and current limit can be adjusted while the
laser is turned on, but make sure that the output
current will never exceed the laser’s current limit.
D. In case there are any suspicious or real problems,
disconnect the real laser and use the dummy laser
instead for debugging.
OTHER VIEW PHOTOS
Figure 8. Side View of Actual ATLS201DEV1.0 (1)
Figure 9. Side View of Actual ATLS201DEV1.0 (2)
Figure 10. Side View of Actual ATLS201DEV1.0 (3)
Figure 11. Side View of Actual ATLS201DEV1.0 (4)



Html Pages

1 2 3 4 5 6