データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8218 データシート(PDF) 2 Page - ams AG

部品番号 AS8218
部品情報  Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8218 データシート(HTML) 2 Page - ams AG

  AS8218 Datasheet HTML 1Page - ams AG AS8218 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features AS8218 / AS8228
Revision 2.1, 06-Oct-05
Page 2 of 2
down’. The RTC may be digitally calibrated for
oscillator frequency accuracy. The LCD Driver
(LCDD) block enables the display of information
provided by the microcontroller, directly to the LCD.
Two dedicated data register banks are provided to
simplify programming, particularly in the case
where the display data needs to be scrolled.
The programmable multi-purpose I/O pins (MPIO)
may be independently configured as dedicated
inputs or outputs. All the I/O pins are
programmable for data direction, pull-up/pull-down
resistors and drive strength (4mA/8mA). Such
functions may include LED energy consumption
pulse output, energy direction and fault condition
indication depending on current 1 or current 2
being active for the energy calculation, push button
for display scrolling, mains isolation relay control
for prepayment meters, optical interface etc.
An on-chip analog ground buffer (ABUF) and
voltage reference (VREF) ensures that no external
circuitry is required. A power-supply monitor (PSM)
provides a reset, when VDD falls below a safe
operating threshold.
The AS8218 / AS8228 ICs are available in a
LQFP64 plastic package.
3. AS8218 / AS8228 Block Diagram
System Timing &
Real Time Clock
Energy Measurement
Front End
System
Control
8051
Micro-
Controller
LCD
Driver
Multi-purpose
I/Os
SPI
Analog
Front
End
DSP
LBP3 ... 0
SC
IO11 ... 0
LSD23 ... 0
TXD
SI
SO
S_N
RXD
I2N
I2P
I1N
I1P
VN
VP
VDD_BAT
XIN
XOUT
UART1
Figure 1:
AS8218 / AS8228 block diagr am
4. Contact
austriamicrosystems AG
A 8141 Schloss Premstaetten, Austria
T. +43 3136 500 0
F. +43 3136 525 01
info@austriamicrosystems.com



Html Pages

1 2