データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320VC5441 データシート(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320VC5441
部品情報  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 データシート(HTML) 71 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 67Page - Texas Instruments TMS320VC5441 Datasheet HTML 68Page - Texas Instruments TMS320VC5441 Datasheet HTML 69Page - Texas Instruments TMS320VC5441 Datasheet HTML 70Page - Texas Instruments TMS320VC5441 Datasheet HTML 71Page - Texas Instruments TMS320VC5441 Datasheet HTML 72Page - Texas Instruments TMS320VC5441 Datasheet HTML 73Page - Texas Instruments TMS320VC5441 Datasheet HTML 74Page - Texas Instruments TMS320VC5441 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
Electrical Specifications
62
December 1999 – Revised April 2002
SPRS122E
5.9
General-Purpose Input/Output (GPIO) Timing
Table 5–8 and Table 5–9 assume testing over recommended operating conditions (see Figure 5–9).
Table 5–8. GPIO Timing Requirements
MIN
MAX
UNIT
tsu(GPIO-COH)
Setup time, x_GPIOn input valid before CLKOUT high, x_GPIOn configured as
general-purpose input.
8
ns
th(GPIO-COH)
Hold time, x_GPIOn input valid after CLKOUT high, x_GPIOn configured as
general-purpose input.
0
ns
Table 5–9. GPIO Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(COH-GPIO)
Delay time, CLKOUT high to x_GPIOn output change. x_GPIOn configured as
general-purpose output.
0
6
ns
x_GPIOn Input Mode
CLKOUT
th(GPIO-COH)
x_GPIOn Output Mode
tsu(GPIO-COH)
td(COH-GPIO)
Figure 5–9. GPIO Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86