データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3406 データシート(PDF) 3 Page - AiT Semiconductor Inc.

部品番号 AM3406
部品情報  MOSFET 30V N-CHANNEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AITSEMI [AiT Semiconductor Inc.]
ホームページ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM3406 データシート(HTML) 3 Page - AiT Semiconductor Inc.

  AM3406 Datasheet HTML 1Page - AiT Semiconductor Inc. AM3406 Datasheet HTML 2Page - AiT Semiconductor Inc. AM3406 Datasheet HTML 3Page - AiT Semiconductor Inc. AM3406 Datasheet HTML 4Page - AiT Semiconductor Inc. AM3406 Datasheet HTML 5Page - AiT Semiconductor Inc. AM3406 Datasheet HTML 6Page - AiT Semiconductor Inc. AM3406 Datasheet HTML 7Page - AiT Semiconductor Inc. AM3406 Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM3406
MOSFET
30V N-CHANNEL ENHANCEMENT MODE
REV2.0
- MAR 2011 RELEASED, APR 2019 UPDATED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted
VDSS, Drain-Source Voltage
30V
VGSS, Gate-Source Voltage
±20V
ID, Continuous Drain Current
TA=25°C
6.7A
TA=70°C
5.3A
IDM, Pulsed Drain CurrentNOTE1
26.8A
PD, Power Dissipation
TA=25°C
1.6W
TA=70°C
1.0W
TJ, Operation Junction Temperature
-55℃ ~ 150℃
TSTG, Storage Temperature Range
-55℃ ~ 150℃
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE
Parameter
Symbol
Typ.
Max.
Unit
Thermal Resistance Junction to AmbientNOTE2
t≦10s
RθJA
-
80
℃/W
Thermal Resistance Junction to AmbientNOTE2,3
Steady-State
-
120



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com