| データシートサーチシステム |
|
SWCS049A データシート(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049A データシート(HTML) 28 Page - Texas Instruments |
|
28 / 144 page ![]() 28 TPS65911 SWCS049S – JUNE 2010 – REVISED AUGUST 2018 www.ti.com Submit Documentation Feedback Product Folder Links: TPS65911 Specifications Copyright © 2010–2018, Texas Instruments Incorporated Electrical Characteristics: LDO1 and LDO2 (continued) Over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT LDO2 DC output voltage VOUT On and low-power mode, VIN = VINmin to VINmax (VINmax = 3.6 V) SEL[7:2] = 000100 1 V SEL[7:2] = 000101 1.05 ... –3% ... 3% SEL[7:2] = 110001 3.25 SEL[7:2] = 110010 3.3 Rated output current IOUTmax On mode 320 mA Low-power mode 1 Load current limitation (short-circuit protection) On mode, VOUT = VOUTmin – 100 mV 450 600 1000 mA Dropout voltage VDO ON mode, VDO = VIN – VOUT, VIN = 1.4 V, IOUT = IOUTmax 350 mV DC load regulation On mode, IOUT = IOUTmax to 0 12 mV DC line regulation On mode, VIN = VINmin to VINmax at IOUT = IOUTmax 4 mV Transient load regulation ON mode, VIN = 1.5 V, VOUT = 1.05 V IOUT = 0.1 × IOUTmax to 0.9 × IOUTmax in 5 µs and IOUT = 0.9 × IOUTmax to 0.1 × IOUTmax in 5 µs 20 40 mV Transient line regulation On mode, VIN = 2.7 + 0.5 V to 2.7 in 30 µs, and VIN = 2.7 to 2.7 + 0.5 V in 30 µs, IOUT = IOUTmax 5 10 mV Turnon time VOUT = (1 to 1.8 V), at IOUT = 0 measured from VOUT = 0.1 V up to 97% of VOUT 30 150 µs VOUT = (1.9 to 3.3 V), at IOUT = 0 measured from VOUT = 0.1 V up to 97% of VOUT 50 230 Turnon inrush current 300 600 mA Ripple rejection VIN = VINDC + 100 mVpp tone, VINDC+= 1.8 V, IOUT = IOUTmax / 2 ƒ = 217 Hz 70 dB ƒ = 20 kHz 40 LDO2 internal resistance LDO off 600 Ω Ground current On mode, IOUT = 0 63 75 µA On mode, IOUT = IOUTmax 2000 Low-power mode 22 20 Off mode (maximum 85°C) 2.7 |