データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25CSM04T-I/SN データシート(PDF) 41 Page - Microchip Technology

部品番号 25CSM04T-I/SN
部品情報  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/SN データシート(HTML) 41 Page - Microchip Technology

Back Button 25CSM04T-I/SN Datasheet HTML 37Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 38Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 39Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 40Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 41Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 42Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 43Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 44Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 41
25CSM04
12.0 PACKAGING INFORMATION
12.1
Package Marking Information
Part Number
1st Line Marking Codes
SOIC
TDFN-S
CSP
25CSM04
25CSM04
25CSM04
25CSM04
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
*
This package is RoHs compliant. The JEDEC® designator
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
8-Pad 5x6 TDFN-S
Example
8-Lead SOIC
Example
25CSM04
SN2211
13F
25CSM04
XXXXXXX
25CSM04
MF
221113F
XXYYWW
YYWWNNN
8-Ball CSP
Example
25CSM04
XXXXXXX
25CSM04
CS0668MY
221113F
YYWWNNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55