| データシートサーチシステム |
|
HV2605 データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV2605 データシート(HTML) 13 Page - Microchip Technology |
|
13 / 30 page ![]() 2017-2022 Microchip Technology Inc. and its subsidiaries DS20005498C-page 13 HV2605/HV2705 Note 1: The 16 switches operate independently. 2: Serial data is clocked in on the low-to-high transition of the clock. 3: All 16 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low, the Shift registers data flow through the latch. 4: DOUT is high when data in the Shift register 15 is high. 5: Shift registers clocking has no effect on the switch states if LE is high. 6: The CLR clear input overrides all other inputs. TABLE 3-1: TRUTH FUNCTION TABLE D0 D1 ... D7 D8 ... D15 LE CLR SW0 SW1 ... SW7 SW8 ... SW15 L— ... —— ... —L L OFF — ... —— ... — H — —— — L L ON — —— — —L — — —L L— OFF — — — — H —— — L L — ON —— — — — — — — L L — —— —— — — — — — L L — —— —— —— L — — L L — — OFF — — —— H — — L L — — ON — — — — —L —L L— — — OFF — —— — H — L L — — — ON — — — — — — L L — —— —— — — — — — L L — —— —— — — — — — L L — —— —— — — — — — L L — —— —— —— — — L L L — — — — OFF —— — — H L L — — — — ON X X X X X X X H L HOLD PREVIOUS STATE X X X X X X X X H ALL SWITCHES OFF |