| データシートサーチシステム |
|
SS-JEDIPRO-MAC データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SS-JEDIPRO-MAC データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() DATA COLLECTION DATA VISUALIZATION • Real-time rules engine for monitoring data • Email, SMS* and custom action alerts • Networked device monitoring DATA MONITORING • Configurable local data storage with data retention controls • Data stored in CSV format is exportable to virtually any application when necessary DATA STORAGE © 2021 Machinechat LLC. Raspberry Pi is the registered trademark of the Raspberry Pi Foundation. BeagleBone is the registered trademark of the BeagleBoard Foundation. All other trademarks and trade names are the property of their respective holders. Specifications subject to change without notice. All rights reserved. *SMS requires either a Twilio account or cellular carrier with email to text service. HARDWARE AND SYSTEM REQUIREMENTS • Intel x86 PC or server, Raspberry Pi (2B or higher) BeagleBoard® AM335x-based BeagleBone boards • Microsoft Windows 10 • Apple Mac OS 10.13.6 and above • Ubuntu Linux 16.04 and above • AM3358 Debian Linux OS • Raspberry Pi OS MEMORY AND STORAGE REQUIREMENTS Memory : 512MB or greater Storage : 35MB minimum of disk or flash space for JEDI Pro application • Integrated HTTP, TCP, and Seeed Studio SenseCAP data collectors allow for easy data collection • Custom data collector plug-ins allow for collecting data from any device, sensor or application without altering their native protocols • Integrated MQTT Broker with optional TLS encryption allows for on-prem data collection • Configurable real-time dashboards with support for viewing historical data • System views allow users to add custom background images and visualize data in the context of the project environment • Sortable and searchable grid view provides single pane visualization of connected devices and sensors |