データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WSC01/2RHTA データシート(PDF) 1 Page - Vishay Siliconix

部品番号 WSC01/2RHTA
部品情報  Wirewound Resistors, Precision Power, Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSC01/2RHTA データシート(HTML) 1 Page - Vishay Siliconix

  WSC01/2RHTA Datasheet HTML 1Page - Vishay Siliconix WSC01/2RHTA Datasheet HTML 2Page - Vishay Siliconix WSC01/2RHTA Datasheet HTML 3Page - Vishay Siliconix WSC01/2RHTA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSC, WSN
www.vishay.com
Vishay Dale
Revision: 24-May-2022
1
Document Number: 30102
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Precision Power, Surface Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
• All welded construction
• Molded encapsulation
• Wraparound terminations
• Excellent stability at different environmental
conditions
• High power ratings (up to 3 W)
• Superior surge capability
• Available in non-inductive styles with Ayrton-
Perry winding (WSN in lieu of WSC, maximum
resistance is one-half WSC range)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• This datasheet provides information about parts that are RoHS-compliant and / or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details
• Follow link to Overview of Automotive Grade Products for more details: www.vishay.com/doc?49924
(1) Flame retardance test may not be applicable to some resistor technologies
Notes
•
Part marking: 1/2 W - DALE, value; 1 W - model, value, tolerance, date code; 2 W and 3 W - DALE, model, value, tolerance, date code
(1) As of 1/1/2010, the WSC0001 and WSC0002 are molded with thermoplastic in lieu of epoxy. Reference PCN-DR-002-2009 and PCN-DR-003-2009
(2) As of February 19, 2016, the WSC0001 was obsoleted by PCN-DR-013-2015; the WSC2515 is a drop-in replacement. You may contact your sales
representative or submit an inquiry via ww2bresistors@vishay.com for supporting information
333
DDD3 D
3D Models
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
SIZE
POWER RATING
P70 °C
W
RESISTANCE RANGE
Ω
TOLERANCE
± %
WEIGHT (typical)
g/1000 pieces
ENCAPSULATION
WSC01/2
WSC-1/2
2012
0.5
0.1 to 4.99
0.5, 1, 5
90
Epoxy
WSC0001 (2)
WSC-1
2515
1
0.1 to 2.77K
0.5, 1, 5
165
Thermoplastic (1)
WSC2515
WSC2515
2515
1
0.1 to 2.5K
0.5, 1, 5
165
Thermoplastic
WSC0002
WSC-2
4527
2
0.1 to 4.92K
0.5, 1, 5
760
Thermoplastic (1)
WSC4527
WSC4527
4527
2
0.1 to 4.92K
0.5, 1, 5
760
Thermoplastic
WSC6927
WSC6927
6927
3
0.1 to 8K
0.5, 1, 5
1675
Thermoplastic
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSC01/2
WSC2515
WSC0002
WSC4527, WSC6927
Temperature
coefficient measured
from -55 °C to +150 °C
ppm/°C
± 50 = 1.0
Ω to 4.99 Ω;
± 90 = 0.1
Ω to 0.99 Ω
± 20 = 26.51
Ω and above;
± 50 = 1.0
Ω to 26.5 Ω;
± 90 = 0.31
Ω to 0.99 Ω;
± 150 = 0.1
Ω to 0.3 Ω
± 20 = 10.0
Ω and above;
± 50 = 1.0
Ω to 9.9 Ω;
± 90 = 0.1
Ω to 0.99 Ω
± 20 = 10
Ω and above;
± 50 = 1.0
Ω to 9.9 Ω;
± 90 = 0.31
Ω to 0.99 Ω;
± 150 = 0.1
Ω to 0.3 Ω
Dielectric
withstanding voltage
VAC
> 500
Insulation resistance
Ω
> 109
Operating
temperature range
°C
-65 to +175
-65 to +275
Maximum
working voltage
V
(P x R)1/2


同様の部品番号 - WSC01/2RHTA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
WSC01 VISHAY-WSC01 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
WSC01 VISHAY-WSC01 Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
More results

同様の説明 - WSC01/2RHTA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
WSC01 VISHAY-WSC01 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
WSC VISHAY-WSC Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC0001R1000FTB VISHAY-WSC0001R1000FTB Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC2515R3300FEA VISHAY-WSC2515R3300FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC251550R00FEA VISHAY-WSC251550R00FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC692754R90FTA VISHAY-WSC692754R90FTA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC2515R7000FEA VISHAY-WSC2515R7000FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
logo
Bourns Electronic Solut...
PWR4525W7R50JE BOURNS-PWR4525W7R50JE Datasheet
212Kb / 2P
Surface Mount Wirewound Power Resistors
logo
Vishay Siliconix
WSC251510R00FEA VISHAY-WSC251510R00FEA Datasheet
96Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
05-Nov-13
WSC VISHAY-WSC_15 Datasheet
80Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
10-Dec-15
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com