データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPVP103 データシート(PDF) 1 Page - Total Power International

部品番号 TPVP103
部品情報  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVP103 データシート(HTML) 1 Page - Total Power International

  TPVP103 Datasheet HTML 1Page - Total Power International TPVP103 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC
OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL
SWITCHING POWER SUPPLIES TPVP103 SERIES
FEATURES:
5" X 3" X 1" COMPACT SIZE &
HIGH POWER DENSITY
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC1000-3-2 HARMONIC
CORRECTION (PFC)
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN55022 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 75-84%.
various with output voltage.
Switching Frequency: PWM 175K Hz. (PFC: 75K Hz.)
Circuit Topology: Fixed Frequency Forward Circuit.
Transient Response: 0.5mS following 25% load change.
Safety Standard: IEC950/ UL1950 Class I.
Power Density: 6.73 Watts / Cubic Inch.
Operating Temperature: 0 to +50°C under 20 cfm
forced air cooling for full load.
Storage Temperature\Humidity: -20 to +85°C,
95% non-condensing.
Temperature Coefficient: ±0.04% /°C.
Cooling: At least 20cfm moving air is required to achieve
full rating power, ≥+50°C in a confined area.
Construction: L-bracket format.
Note: All measurements are at nominal input, full load, and +25°C unless otherwise specified.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Power: 100W continuous. Various with output
voltage & under forced air cooling.
Output Connector: V-M Molex 0.156” connector for <12A
output. M-T Mini Terminal Block for ≥12A output.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. ± 1.0%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in.
Adjustability: Available.
Remote Sensing: Available.
Overload Protection (OLP): Fully protect against
output overload & short circuit.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: V-M connector & GND tag.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 26A @ 230Vac.
Input Current: Typ. 1.0A @115Vac, 0.5A @230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet EN55022 & FCC Class B.
Hold-up Time: Typ. 25mS @115Vac & 230Vac.
Power Factor & Harmonic Correction:
Meet IEC1000-3-2, PF typ. 0.97-0.99 @ full load.
Turn-on Delay/Rise Time: 2 Sec./5mS.
Earth Leakage: Less than 0.5mA @230Vac.
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-
TOTAL POWER INT'L


同様の部品番号 - TPVP103

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
TPVP-200 TOTAL-POWER-TPVP-200 Datasheet
403Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME
TPVP-50 TOTAL-POWER-TPVP-50 Datasheet
652Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP50 SERIES
TPVP-93 TOTAL-POWER-TPVP-93 Datasheet
382Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION
More results

同様の説明 - TPVP103

メーカー部品番号データシート部品情報
logo
Total Power Internation...
HVP101 TOTAL-POWER-HVP101 Datasheet
435Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
logo
HITRON ELECTRONICS CORP...
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com