| データシートサーチシステム |
|
CRO2170B データシート(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
CRO2170B データシート(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() 1950 2000 2050 2100 2150 2200 2250 2300 2350 00.5 11.5 2 2.5 33.5 4 4.5 -1 0 1 2 3 4 5 6 7 8 9 10 2010 2040 2069 2099 2130 2164 2199 2233 2264 2289 LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR © Z-Communications, Inc. Page 2 Printed in the U.S.A. CRO2170B TUNING CURVE, typ. POWER CURVE, typ. PAGE 2 PHYSICAL DIMENSIONS °c °c °c 85 -40 25 °c 25 0.475 0.000 0.025 0.500 0.405 0.305 0.205 0.105 0.115 0.215 0.315 0.415 GROUND PLANE SOLDER PLATED BOTTOM VIEW P1 P3 P2 .037 SEE NOTE 3 TYPICAL OF ALL PADS .026 .031 .052 .114 .070 TABS RANGE: SEE NOTE 5. (4 PLACES) DETAIL A P1=VT P2=RF OUT P3=Vcc .220 .034 0.000 .070 TYP .150 TYP MINI-16 415-0061 REV. D (DRAWING NOT TO SCALE) SEE DETAIL 'A' NOTES: THE INSIDE RADIUS OF ALL 16 HALF HOLES AT THE PERIMETER OF THE BOARD ARE PLATED TO PROVIDE A SURFACE FOR THE ATTACHMENT OF THE VCO TO A PCB, IN 13 LOCATIONS, WITH 3 PADS BEING USED FOR ELECTROMECHANICAL INTERFACE. 2. THE SURFACE OF THE SHIELD IS TIN PLATED AND MAY BE SOLDERED TO. THE SHIELD'S 3. THE GROUND PLANE IS GROUND AND ATTACHES TO A GROUND TRACK ON THE UPPER SIDE OF THE BOARD AS WELL AS THE SHIELD BY PTH. 1. 16 SOLDER LOCATIONS REQUIRED. BASE METAL IS COLD ROLLED STEEL. .XXX= ± .010 TOLERANCES 4. UNLESS OTHERWISE NOTED ALL DIMENSIONS ARE IN INCHES. 5. UNLESS OTHERWISE NOTED ALL TOLERANCES ARE AS FOLLOWS: TUNING VOLTAGE (Vdc) FREQUENCY (MHz) |