| データシートサーチシステム |
|
M65851 データシート(PDF) 21 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M65851 データシート(HTML) 21 Page - Mitsubishi Electric Semiconductor |
|
21 / 36 page ![]() ELECTRIC MITSUBISHI PRELIMINARY Notice ; This is not a final specification. some parametric limits are subject to change. ( / 36 ) M65851FP MITSUBISHI SEMICONDUCTORS (SOUND PROCDSSOR ICs) KARAOKE 50SERIES SERIES 2 Music detection To search a music interval, it is necessary to judge if it is a music or not. This judgment is made by monitoring the 20 seconds and counting the pulse signal (after level detection). The pulse signal counts is bigger than fixed counts, it is judged as a music. Pulse counter is reset whenever monitor 20 seconds or judged no music decision. about 20 sec Music decision 3 No music detection After Music decision ( 2 ), no music is judged when no pulse in level detection at 3 seconds.But if there isn't no pulse when monitoring the3 seconds, no music decision counter is reset . about 3 sec No music decision 21 pulse output (after level detection) pulse output (after level detection) |