| データシートサーチシステム |
|
ADP5589ACPZ-00-R7 データシート(PDF) 45 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACPZ-00-R7 データシート(HTML) 45 Page - Analog Devices |
|
45 / 52 page ![]() Data Sheet ADP5589 Rev. B | Page 45 of 52 PIN_CONFIG_A Register 0x49 Table 81. PIN_CONFIG_A Bit Descriptions Bits Name R/W Description 7 R7_CONFIG R/W 0 = GPIO 8. 1 = Row 7. 6 R6_CONFIG R/W 0 = GPIO 7. 1 = Row 6. 5 R5_CONFIG R/W 0 = GPIO 6. 1 = Row 5. 4 R4_CONFIG R/W 0 = GPIO 5 (see R4_EXTEND_CFG in PIN_CONFIG_D Register 0x4C Table 84 for alternate configuration, RESET1). 1 = Row 4. 3 R3_CONFIG R/W 0 = GPIO 4 (see R3_EXTEND_CFG[1:0] in PIN_CONFIG_D Register 0x4C Table 84 for alternate configuration, LC1/PWM_OUT/CLK_OUT). 1 = Row 3. 2 R2_CONFIG R/W 0 = GPIO 3. 1 = Row 2. 1 R1_CONFIG R/W 0 = GPIO 2. 1 = Row 1. 0 R0_CONFIG R/W 0 = GPIO 1 (see R0_EXTEND_CFG in PIN_CONFIG_D Register 0x4C Table 84 for alternate configuration, LY1). 1 = Row 0. PIN_CONFIG_B Register 0x4A Table 82. PIN_CONFIG_B Bit Descriptions Bits Name R/W Description 7 C7_CONFIG R/W 0 = GPIO 16. 1 = Column 7. 6 C6_CONFIG R/W 0 = GPIO 15 (see C6_EXTEND_CFG in PIN_CONFIG_D Register 0x4C Table 84 for alternate configuration, LC2). 1 = Column 6. 5 C5_CONFIG R/W 0 = GPIO 14. 1 = Column 5. 4 C4_CONFIG R/W 0 = GPIO 13 (see C4_EXTEND_CFG in PIN_CONFIG_D Register 0x4C Table 84 for alternate configuration, RESET2). 1 = Column 4. 3 C3_CONFIG R/W 0 = GPIO 12. 1 = Column 3. 2 C2_CONFIG R/W 0 = GPIO 11. 1 = Column 2. 1 C1_CONFIG R/W 0 = GPIO 10. 1 = Column 1. 0 C0_CONFIG R/W 0 = GPIO 9. 1 = Column 0. PIN_CONFIG_C Register 0x4B Table 83. PIN_CONFIG_C Bit Descriptions Bits Name R/W Description [7: 3] Reserved. 2 C10_CONFIG R/W 0 = GPIO 19. 1 = Column 10. 1 C9_CONFIG R/W 0 = GPIO 18 (see C9_EXTEND_CFG in PIN_CONFIG_D Register 0x4C Table 84 for alternate configuration, LY2). 1 = Column 9. 0 C8_CONFIG R/W 0 = GPIO 17. 1 = Column 8. |