| データシートサーチシステム |
|
ADP5585ACPZ-03-R7 データシート(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACPZ-03-R7 データシート(HTML) 35 Page - Analog Devices |
|
35 / 40 page ![]() Data Sheet ADP5585 Rev. C | Page 35 of 40 Bit(s) Bit Name Access Description 5 R4_ EXTEND_CFG Read/write 0 = R4 remains configured as GPIO 5. 1 = R4 reconfigured as RESET1 output. 4 N/A Reserved. 3 to 2 R3_EXTEND_CFG[1:0] Read/write 00 = R3 remains configured as GPIO 4. 01 = R3 reconfigured as LC input for the logic block. 10 = R3 reconfigured as PWM_OUT output from PWM block. 11 = unused. 1 N/A Reserved. 0 R0_ EXTEND_CFG Read/write 0 = R0 remains configured as GPIO 1. 1 = R0 reconfigured as LY output from the logic block. GENERAL_CFG Register 0x3B Table 67. GENERAL_CFG Bit Descriptions Bit(s) Bit Name Access Description 7 OSC_EN Read/write 0 = disable internal 1 MHz oscillator. 1 = enable internal 1 MHz oscillator. 6 to 5 OSC_FREQ[1:0] Read/write Sets the input clock frequency fed from the base 1 MHz oscillator to the digital core. Slower frequencies result in less quiescent current, but key and GPI scan times increase. 00 = 50 kHz. 01 = 100 kHz. 10 = 200 kHz. 11 = 500 kHz. 4 to 2 N/A Reserved. 1 INT_CFG Read/write Configure the behavior of the INT pin if the user tries to clear it while an interrupt is pending. 0 = INT pin remains asserted if an interrupt is pending. 1 = INT pin deasserts for 50 µs and reasserts if an interrupt is pending. 0 RST_CFG R/W Configure the response ADP5585 has to the RST pin. 0 = ADP5585 resets if RST is low. 1 = ADP5585 does not reset if RST is low. INT_EN Register 0x3C Table 68. INT_EN Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 LOGIC_IEN Read/write 0 = Logic 1 interrupt is disabled. 1 = assert the INT pin if LOGIC_INT is set. 3 N/A Reserved. 2 OVRFLOW_IEN Read/write 0 = overflow interrupt is disabled. 1 = assert the INT pin if OVRFLOW_INT is set. 1 GPI_IEN Read/write 0 = GPI interrupt is disabled. 1 = assert the INT pin if GPI_INT is set. 0 EVENT_IEN Read/write 0 = event interrupt is disabled. 1 = assert the INT pin if EVENT_INT is set. |