| データシートサーチシステム |
|
KSB0M511 データシート(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
KSB0M511 データシート(HTML) 2 Page - C&K Components |
|
2 / 4 page ![]() Dimensions are shown: mm (inch) Dimensions subject to change www.ittcannon.com B-36 B TYPE GROUND TERMINAL KSB KSF KSB & KSF Series Low-profile Tact Switch 0 WITHOUT 1 WITH (KSF only) First Angle Projection 7,62 (3,0) 9,0 (.354) 2,6 (.102) 4,2 (.165) 5,08 (.20) 0,5 x 0,3 (.020 x .012) 7,4 (.291) 7,4 (.291) ø3,5 (.138) Smooth surface ø2,0 (.079) R 0,2 (.008) L min. 1,5 (.059) 4˚ max. ø0,2 A A RECOMMENDED SHAPE OF ACTUATOR ø4,6+0,25/-0,15 (.181+.010/-.006) 7,62 (.30) 9,0 (.354) 7,4 (.291) 0,5+ x 0,3 (.020 x .012) 5,08 (.20) Smooth surface ø2,0 (.079) R 0,2 (.008) L min. 0,9 (.035) 4˚ max. ø0,2 A A RECOMMENDED SHAPE OF ACTUATOR KSB0M110 KSF0M111 |