| データシートサーチシステム |
|
CYUSB2014-BZXI データシート(PDF) 28 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYUSB2014-BZXI データシート(HTML) 28 Page - Infineon Technologies AG |
|
28 / 82 page ![]() Datasheet 28 001-52136 Rev. *Y 2022-08-11 EZ-USB FX3 SuperSpeed USB Controller Pin description 16 Pin description Table 7 CYUSB3012 and CYUSB3014 pin list BGA Power domain I/O Name Description GPIF II interface Slave FIFO interface [2] F10 VIO1 I/O GPIO[0] DQ[0] DQ[0] F9 VIO1 I/O GPIO[1] DQ[1] DQ[1] F7 VIO1 I/O GPIO[2] DQ[2] DQ[2] G10 VIO1 I/O GPIO[3] DQ[3] DQ[3] G9 VIO1 I/O GPIO[4] DQ[4] DQ[4] F8 VIO1 I/O GPIO[5] DQ[5] DQ[5] H10 VIO1 I/O GPIO[6] DQ[6] DQ[6] H9 VIO1 I/O GPIO[7] DQ[7] DQ[7] J10 VIO1 I/O GPIO[8] DQ[8]/A0 [3] DQ[8]/A0 [3] J9 VIO1 I/O GPIO[9] DQ[9]/A1 [3] DQ[9]/A1 [3] K11 VIO1 I/O GPIO[10] DQ[10] DQ[10] L10 VIO1 I/O GPIO[11] DQ[11] DQ[11] K10 VIO1 I/O GPIO[12] DQ[12] DQ[12] K9 VIO1 I/O GPIO[13] DQ[13] DQ[13] J8 VIO1 I/O GPIO[14] DQ[14] [4] DQ[14] [4] G8 VIO1 I/O GPIO[15] DQ[15] [4] DQ[15] [4] J6 VIO1 I/O GPIO[16] PCLK CLK K8 VIO1 I/O GPIO[17] CTL[0] SLCS# K7 VIO1 I/O GPIO[18] CTL[1] SLWR# J7 VIO1 I/O GPIO[19] CTL[2] SLOE# H7 VIO1 I/O GPIO[20] CTL[3] SLRD# G7 VIO1 I/O GPIO[21] CTL[4] FLAGA G6 VIO1 I/O GPIO[22] CTL[5] FLAGB K6 VIO1 I/O GPIO[23] CTL[6] GPIO H8 VIO1 I/O GPIO[24] CTL[7] PKTEND# G5 VIO1 I/O GPIO[25] CTL[8] GPIO H6 VIO1 I/O GPIO[26] CTL[9] GPIO K5 VIO1 I/O GPIO[27] CTL[10] GPIO J5 VIO1 I/O GPIO[28] CTL[11] A1 H5 VIO1 I/O GPIO[29] CTL[12] A0 G4 VIO1 I/O GPIO[30] PMODE[0] PMODE[0] H4 VIO1 I/O GPIO[31] PMODE[1] PMODE[1] L4 VIO1 I/O GPIO[32] PMODE[2] PMODE[2] L8 VIO1 I/O INT# INT#/CTL[15] CTL[15] Notes 2. Slave FIFO is an example configuration of GPIF II Interface. The Slave FIFO control signal assignments can be modified using GPIF-II designer tool. 3. For 8-bit data bus configuration, GPIO[8] and GPIO[9] act as address lines. 4. GPIF II can also be configured as a serial interface. The DQ[15] pin becomes a serial output and DQ[14] becomes a serial input in this mode. |