| データシートサーチシステム |
|
12MHZ/S/3.2X2.5 データシート(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
12MHZ/S/3.2X2.5 データシート(HTML) 24 Page - Infineon Technologies AG |
|
24 / 33 page ![]() User Manual 24 of 33 Revision 1.6 2018-11-27 EVAL-M1-101T User Manual iMOTION™ Modular Application Design Kit Hardware description of EVAL-M1-101T After configured the Analog VSP control input mode, the three input thresholds can be set up in the input text box in MCEWizard marked with red box as shown in Figure 21, or in the pages for Question 9, Question10 and Question 11. Figure 21 Three input thresholds configuration for VSP analog input control mode For Analog VSP control input mode, the motor speed can be calculated by measuring the frequency of PGOUT signal output of control IC IMC101T-T038. And the pulse generation number per revolution for motor can be configured in MCEWizard as shown in Figure 22. Figure 22 PG Pulse Per Revolution configuration |