| データシートサーチシステム |
|
ISOM3-320-R-L2 データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
ISOM3-320-R-L2 データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 6 page ![]() CDDFN5-0504N - TVS/Steering Diode Array Specificationsaresubjecttochangewithoutnotice. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf. IsoMOV™ Series - Hybrid Protection Component IsoMOV™ IsoM5-xxx-L2 In-Line Leads Model IsoM5-xxx-L2 t MAX. IsoM5-175 6.0 (.236) IsoM5-230 6.5 (.256) IsoM5-250 6.7 (.264) IsoM5-275 6.8 (.268) IsoM5-300 7.1 (.280) IsoM5-320 7.1 (.280) IsoM5-380 7.7 (.303) IsoM5-420 8.1 (.319) IsoM5-510 8.8 (.346) IsoM5-555 9.0 (.354) DIMENSIONS: MM (INCHES) 17.0 (.669) MAX. 20.0 (.787) MAX. 20.0 (.787) MIN. 3.0 (.118) MAX. 7.5 ± 1.0 (.295 ± .039) 7.5 ± 1.0 (.295 ± .039) a ± 1.0 (a ± .039) 0.8 ± 0.05 (.031 ± .002) t MAX. t MAX. 17.0 (.669) MAX. 23.0 (.906) MAX. 20.0 (.787) MIN. 0.8 ± 0.05 (.031 ± .002) 17.0 (.669) MAX. 23.0 (.906) MAX. 20.0 (.787) MIN. 7.5 ± 1.0 (.295 ± .039) t MAX. a ± 1.0 (a ± .039) 0.8 ± 0.05 (.031 ± .002) Product Dimensions (Continued) IsoM8-xxx-L2 In-Line Leads DIMENSIONS: MM (INCHES) Model IsoM8-xxx-L2 t MAX. IsoM8-250 7.1 (.280) IsoM8-275 7.2 (.283) IsoM8-300 7.5 (.295) IsoM8-320 7.6 (.299) IsoM8-380 8.0 (.315) IsoM8-420 8.4 (.331) IsoM8-510 9.2 (.362) IsoM8-555 9.4 (.370) 23.0 (.906) MAX. 23.0 (.906) MAX. 23.0 (.906) MAX. 27.0 (1.063) MAX. 20.0 (.787) MIN. 3.0 (.118) MAX. t MAX. t MAX. t MAX. 30.0 (1.181) MAX. 20.0 (.787) MIN. 30.0 (1.181) MAX. 20.0 (.787) MIN. 1.0 ± 0.05 (.039 ± .002) 10.0 ± 1.0 (.394 ± .039) 10.0 ± 1.0 (.394 ± .039) 10.0 ± 1.0 (.394 ± .039) a ± 1.0 (a ± .039) 1.0 ± 0.05 (.039 ± .002) a ± 1.0 (a ± .039) 1.0 ± 0.05 (.039 ± .002) |