| データシートサーチシステム |
|
MF-PSHT データシート(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-PSHT データシート(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 7 page ![]() Specificationsaresubjecttochangewithoutnotice. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf. T COVER TAPE B1 K 0 T1 D0 P 2 P 0 E1 F E2 W B0 P1 A 0 185 (7.28) MAX. 14.4 (.567) MAX. 50 (1.97) DIA. MIN. (MEASURED AT HUB) 8.4 +1.5/-0 (.331 +.059/-0) (MEASURED AT HUB) MF-PSHTSeriesTapeandReelSpecifications Tape Dimensions MF-PSHT Series per EIA-481 W 8.0 ± 0.30 (.315 ± .012) P0 4.0 ± 0.10 (.157 ± .004) 10 P0 40 ± 0.20 (1.575 ± .008) P1 4.0 ± 0.10 (.157 ± .004) P2 2.0 ± 0.05 (.079 ± .002) A0 1.70 ± 0.10 (.067 ± .004) B0 2.45 ± 0.10 (.096 ± .004) B1 max. 4.35 (.171) D0 1.5 +0.10/-0 (.059 +.004/-0) F 3.5 ± 0.05 (.138 ± .002) E1 1.75 ± 0.10 (.069 ± .004) E2 typ. 6.25 (.246) T max. 0.6 (.024) T1 max. 0.1 (.004) K0 (MF-PSHT005KX~MF-PSHT016KX, MF-PSHT010X) 0.95 ± 0.10 (.037 ± .004) K0 (MF-PSHT020KX~MF-PSHT050KX) 1.21 ± 0.10 (.048 ± .004) Leader min. 390 (15.35) Trailer min. 160 (6.30) DIMENSIONS: MM (INCHES) MF-PSHT SERIES, REV. I 04/22 |