データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MF-ASML050/6-2 データシート(PDF) 4 Page - Bourns Electronic Solutions

部品番号 MF-ASML050/6-2
部品情報  MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-ASML050/6-2 データシート(HTML) 4 Page - Bourns Electronic Solutions

  MF-ASML050/6-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-ASML050/6-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-ASML050/6-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-ASML050/6-2 Datasheet HTML 4Page - Bourns Electronic Solutions MF-ASML050/6-2 Datasheet HTML 5Page - Bourns Electronic Solutions MF-ASML050/6-2 Datasheet HTML 6Page - Bourns Electronic Solutions MF-ASML050/6-2 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
Solder Reflow Recommendations
TP
TP
tp
t s
TTO
RAMP-UP
L
TL
t L
25
Ts max
Ts min
PREHEAT
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Notes:
•
MF-ASML/X models are intended for reflow soldering (including, but
not limited to heating plate, hot air, IR, nitrogen, and vapor phase).
•
Wave soldering is permissible only if the device is on the top of the
PCB, opposite the heat source.
•
Hand soldering is not recommended for these devices.
•
All temperatures refer to the topside of the device, measured on the
device body surface.
•
If reflow temperatures exceed the recommended profile, devices may
not meet the published specifications.
•
Compatible with Pb and Pb-free solder reflow profiles.
•
Excess solder may cause a short circuit.
•
Please refer to the Multifuse® Polymer PTC Resettable Fuse Soldering
Recommendations document for more details.
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C / second max.
PREHEAT:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~180 seconds
TIME MAINTAINED ABOVE:
Temperature (TL)
Time (tL)
217 °C
60~150 seconds
Peak Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temperature (tp)
20~40 seconds
Ramp-Down Rate
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
Typical Part Marking
No marking.
How to Order
MF - ASML 050 / 6 - 2
Multifuse®
Product Designator
Series
ASML = 0402 Low Ohmic
Surface Mount Component
Hold Current, Ihold
010 - 050 (0.10 Amps - 0.50 Amps)
Maximum Voltage, Vmax
6 = 6 Volts
Packaging
-2 = Tape and Reel
Packaged per EIA-481
Packaging Quantity
10,000 pcs. per reel
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7