データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AIS25BA データシート(PDF) 30 Page - STMicroelectronics

部品番号 AIS25BA
部品情報  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BA データシート(HTML) 30 Page - STMicroelectronics

Back Button AIS25BA Datasheet HTML 23Page - STMicroelectronics AIS25BA Datasheet HTML 24Page - STMicroelectronics AIS25BA Datasheet HTML 25Page - STMicroelectronics AIS25BA Datasheet HTML 26Page - STMicroelectronics AIS25BA Datasheet HTML 27Page - STMicroelectronics AIS25BA Datasheet HTML 28Page - STMicroelectronics AIS25BA Datasheet HTML 29Page - STMicroelectronics AIS25BA Datasheet HTML 30Page - STMicroelectronics AIS25BA Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
List of figures
Figure 1.
Pin connections ................................................................... 2
Figure 2.
TDM interface characteristics .......................................................... 6
Figure 3.
I²C slave timing diagram ............................................................. 8
Figure 4.
TDM block diagram ................................................................. 9
Figure 5.
WCLK, SDOUT change on the falling edge of BCLK and are valid on the rising edge of BCLK, no delay ..... 12
Figure 6.
WCLK, SDOUT change on the rising edge of BCLK and are valid on the falling edge of BCLK, no delay ..... 12
Figure 7.
WCLK, SDOUT change on the falling edge of BCLK and are valid on the rising edge of BCLK, delayed...... 13
Figure 8.
WCLK, SDOUT change on the rising edge of BCLK and are valid on the falling edge of BCLK, delayed...... 13
Figure 9.
Power-on sequence (TDM interface) .................................................... 16
Figure 10.
Disabled mode sequence ........................................................... 17
Figure 11.
LGA-14 2.5 x 2.5 x 0.86 mm package outline and mechanical data ............................... 23
Figure 12.
Carrier tape information for LGA-14 package .............................................. 24
Figure 13.
LGA-14 package orientation in carrier tape................................................ 24
Figure 14.
Reel information for carrier tape of LGA-14 package ......................................... 25
AIS25BA
List of figures
DS14019 - Rev 1
page 30/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31