| データシートサーチシステム |
|
R5F51406BDFK30 データシート(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F51406BDFK30 データシート(HTML) 95 Page - Renesas Technology Corp |
|
95 / 118 page ![]() R01DS0379EJ0110 Rev.1.10 Page 95 of 118 Apr 20, 2022 RX140 Group 2. Electrical Characteristics 2.10 CTSU Characteristics 2.11 Power-On Reset Circuit and Voltage Detection Circuit Characteristics Note: These characteristics apply when noise is not superimposed on the power supply. When a setting is made so that the voltage detection level overlaps with that of the voltage detection circuit (LVD2), it cannot be specified which of LVD1 and LVD2 is used for voltage detection. Table 2.68 CTSU Characteristics Conditions: 1.8 V ≤ VCC ≤ 5.5 V, 1.8 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = 0 V, T a = –40 to +105°C Item Symbol Min. Typ. Max. Unit Test Conditions External capacitance connected to TSCAP pin Ctscap 910 11 nF Permissible output high/low current P12 to P17, P20, P21, P26, P27, P30 to P32, P34, P35, P54, P55, PB1 to PB7, PC2 to PC7, PH0 to PH3 | ΣI OH | + ΣI OL — — 24 mA When VXSEL = 0 PA0, PA1, PA3, PA4, PA6, PB0, PE0 to PE5 — — 16 mA [Products with 64 Kbytes of flash memory or less] When VXSEL = 0 PA0 to PA6, PB0, PD0 to PD2, PE0 to PE5 — — 16 mA [Products with at least 128 Kbytes of flash memory] When VXSEL = 0 Table 2.69 Power-On Reset Circuit and Voltage Detection Circuit Characteristics (1) Conditions: 1.8 V ≤ VCC ≤ 5.5 V, 1.8 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = 0 V, T a = –40 to +105°C Item Symbol Min. Typ. Max. Unit Test Conditions Voltage detection level Power-on reset (POR) VPOR 1.35 1.50 1.65 V Figure 2.58, Figure 2.59 Voltage detection circuit (LVD0)*1 Vdet0_0 3.67 3.85 3.97 V Figure 2.60 At falling edge VCC Vdet0_1 2.70 2.85 3.00 Vdet0_2 2.37 2.53 2.67 Vdet0_3 1.80 1.90 1.99 Voltage detection circuit (LVD1)*2 Vdet1_0 4.12 4.29 4.42 V Figure 2.61 At falling edge VCC Vdet1_1 3.98 4.16 4.28 Vdet1_2 3.86 4.03 4.16 Vdet1_3 3.68 3.86 3.98 Vdet1_4 2.99 3.10 3.29 Vdet1_5 2.89 3.00 3.19 Vdet1_6 2.79 2.90 3.09 Vdet1_7 2.68 2.80 2.98 Vdet1_8 2.57 2.68 2.87 Vdet1_9 2.47 2.59 2.67 Vdet1_A 2.37 2.48 2.57 Vdet1_B 2.10 2.20 2.30 Vdet1_C 1.86 1.96 2.06 Vdet1_D 1.80 1.86 1.96 Voltage detection level Voltage detection circuit (LVD2)*3 Vdet2_0*4 4.08 4.32 4.48 V Figure 2.62 At falling edge VCC Vdet2_1 3.95 4.17 4.35 Vdet2_2 3.82 4.03 4.22 Vdet2_3 3.62 3.84 4.02 |