| データシートサーチシステム |
|
AM6442...ALV データシート(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6442...ALV データシート(HTML) 69 Page - Texas Instruments |
|
69 / 244 page ![]() Table 6-35. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] GPIO0_58 IO General Purpose Input/Output W9 GPIO0_59 IO General Purpose Input/Output AA9 GPIO0_60 IO General Purpose Input/Output Y9 GPIO0_61 IO General Purpose Input/Output V9 GPIO0_62 IO General Purpose Input/Output U7 GPIO0_63 IO General Purpose Input/Output V7 GPIO0_64 IO General Purpose Input/Output W7 GPIO0_65 IO General Purpose Input/Output W11 GPIO0_66 IO General Purpose Input/Output V11 GPIO0_67 IO General Purpose Input/Output AA12 GPIO0_68 IO General Purpose Input/Output Y12 GPIO0_69 IO General Purpose Input/Output W12 GPIO0_70 IO General Purpose Input/Output AA13 GPIO0_71 IO General Purpose Input/Output U11 GPIO0_72 IO General Purpose Input/Output V15 GPIO0_73 IO General Purpose Input/Output U12 GPIO0_74 IO General Purpose Input/Output V14 GPIO0_75 IO General Purpose Input/Output W14 GPIO0_76 IO General Purpose Input/Output AA10 GPIO0_77 IO General Purpose Input/Output V10 GPIO0_78 IO General Purpose Input/Output U10 GPIO0_79 IO General Purpose Input/Output AA11 GPIO0_80 IO General Purpose Input/Output Y11 GPIO0_81 IO General Purpose Input/Output Y10 GPIO0_82 IO General Purpose Input/Output U18 GPIO0_83 IO General Purpose Input/Output U19 GPIO0_84 IO General Purpose Input/Output V12 GPIO0_85 IO General Purpose Input/Output AA6 GPIO0_86 IO General Purpose Input/Output Y6 (1) This GPIO input signal has a debounce funcion. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 6-36. GPIO1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] GPIO1_0 IO General Purpose Input/Output Y1 GPIO1_1 IO General Purpose Input/Output R4 GPIO1_2 IO General Purpose Input/Output U2 GPIO1_3 IO General Purpose Input/Output V2 GPIO1_4 IO General Purpose Input/Output AA2 GPIO1_5 IO General Purpose Input/Output R3 GPIO1_6 IO General Purpose Input/Output T3 GPIO1_7 IO General Purpose Input/Output T1 GPIO1_8 IO General Purpose Input/Output T2 GPIO1_9 IO General Purpose Input/Output W6 GPIO1_10 IO General Purpose Input/Output AA5 GPIO1_11 IO General Purpose Input/Output Y3 www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 69 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |