データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XAM2431..ALX データシート(PDF) 9 Page - Texas Instruments

部品番号 XAM2431..ALX
部品情報  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

XAM2431..ALX データシート(HTML) 9 Page - Texas Instruments

Back Button XAM2431..ALX Datasheet HTML 5Page - Texas Instruments XAM2431..ALX Datasheet HTML 6Page - Texas Instruments XAM2431..ALX Datasheet HTML 7Page - Texas Instruments XAM2431..ALX Datasheet HTML 8Page - Texas Instruments XAM2431..ALX Datasheet HTML 9Page - Texas Instruments XAM2431..ALX Datasheet HTML 10Page - Texas Instruments XAM2431..ALX Datasheet HTML 11Page - Texas Instruments XAM2431..ALX Datasheet HTML 12Page - Texas Instruments XAM2431..ALX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 280 page
background image
• Removed non-applicable TBD values. .......................................................................................................... 123
• Defined the minimum input slew rate value and added notes to describe this parameter..............................123
• (High-Frequency Oscillator (HFOSC) Electrical Characteristics): Defined maximum Input Leakage Current
value............................................................................................................................................................... 123
• (SDIO Electrical Characteristics): Added a note to explain the IOL and IOH parameters.................................124
• (SDIO Electrical Characteristics): Removed non-applicable TBD values from 3.3-V mode Input Slew Rate.124
• (SDIO Electrical Characteristics): Defined the minimum input slew rate value and added notes to describe
this parameter.................................................................................................................................................124
• (LVCMOS Electrical Characteristics): Added a note to explain the IOL and IOH parameters.......................... 125
• (LVCMOS Electrical Characteristics): Removed non-applicable TBD values from 1.8-V mode and 3.3-V mode
Input Slew Rate.............................................................................................................................................. 125
• (LVCMOS Electrical Characteristics): Defined the minimum input slew rate value and added notes to describe
this parameter.................................................................................................................................................125
• (ADC12B Electrical Characteristics): Added Positive Reference Voltage and Negative Reference Voltage
parameters, with a note that describes connectivity requirements for the ADC0_REFP and ADC0_REFN pins
........................................................................................................................................................................126
• (ADC12B Electrical Characteristics): Changed the Differential Non-Linearity values; the minimum value was
changed from -1 to > -1 to indicate there is no missing codes, the typical value was removed, and the
maximum value was changed from 2 to +1.................................................................................................... 126
• (ADC12B Electrical Characteristics): Changed the Integral Non-Linearity values; the minimum value was
changed to -2, the typical value was removed, and the maximum value was changed from ±3 to +2........... 126
• (ADC12B Electrical Characteristics): Changed the typical Gain Error value from ±2 to ±10..........................126
• (ADC12B Electrical Characteristics): Changed the typical Offset Error value from ±2 to ±5.......................... 126
• (ADC12B Electrical Characteristics): Changed the “Input Sampling Capacitance (CIN)” parameter to
“Sampling Capacitance (CSMPL)”, with the same typical value....................................................................... 126
• (ADC12B Electrical Characteristics): Changed the typical Total Harmonic Distortion value from 75 to -75... 126
• (ADC12B Electrical Characteristics): Removed the Spurious Free Dynamic Range and Signal-to-Noise Plus
Distortion parameters..................................................................................................................................... 126
• (ADC12B Electrical Characteristics): Changed the “Input Impedance of ADC0_AIN[7:0] (RADC0_AIN[7:0])”
parameter to “Analog Input Impedance, ADC0_AIN[7:0] (ZADC0_AIN[7:0])” and replaced the formula for
calculating a typical value with a note that clarifies input impedance of the ADC0_AIN[7:0] analog inputs... 126
• (ADC12B Electrical Characteristics): Removed the VSS and VDDA_ADC0 test conditions from the Input
Leakage parameter and defined a single maximum value that represents the entire input voltage range of the
ADC0_AIN[7:0] analog inputs.........................................................................................................................126
• (ADC12B Electrical Characteristics): Removed the Channel to Channel Isolation parameter....................... 126
• (Recommended Operating Conditions for OTP eFuse Programming): Changed the maximum VPP current
value from TBD to 400 mA............................................................................................................................. 128
• (Power Supply Requirements): Updated the section title from "Power Supply Sequencing" to "Power Supply
Requirements"................................................................................................................................................ 131
• (Power Supply Sequencing): Added new section and explanation of the two types of power supply transition
regions found in the Power-up and Power-down Sequence diagrams...........................................................132
• (MCU_OSC0 Start-up Time): Updated signal names in figure....................................................................... 144
• (CPSW3G): Updated the Note to reference the CPSW3G IOSETs section for the several tables contained
within the section............................................................................................................................................ 149
• (GPIO Timing Conditions): Changed the minimum Input Slew rate for the LVCMOS buffer type, and defined
Input Slew Rate values for the I2C OD FS buffer type................................................................................... 163
• (GPIO Timing Requirements): Changed the "BUFFER TYPE" column to "MODE", replaced buffer types with
operating voltage, retained the minimum pulse width value for 1.8-V mode, and changed the minimum pulse
width value for 3.3-V mode............................................................................................................................. 163
• (GPMC and NOR Flash — Synchronous Mode): Updated timing parameters and values............................ 164
• (GPMC and NOR Flash — Synchronous Mode): Changed the "not_div_by_1_mode"minimum value in the
"Hold time, input wait GPMC_WAIT[j] valid after output clock GPMC_CLK high (th(clkH-waitV))" parameter from
2.9 to 2.29 to correct a typographical error.....................................................................................................164
• (GPMC and NOR Flash — Asynchronous Mode): Updated timing parameters and values...........................174
• (GPMC and NAND Flash — Asynchronous Mode): Updated timing parameters and values........................ 182
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More