データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0402YC104F4U4A データシート(PDF) 1 Page - Kyocera Kinseki Corpotation

部品番号 0402YC104F4U4A
部品情報  Automotive MLCC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KSS [Kyocera Kinseki Corpotation]
ホームページ  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

0402YC104F4U4A データシート(HTML) 1 Page - Kyocera Kinseki Corpotation

  0402YC104F4U4A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 0402YC104F4U4A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 0402YC104F4U4A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 0402YC104F4U4A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 0402YC104F4U4A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54
Automotive MLCC
General Specifications
GENERAL DESCRIPTION
KYOCERA AVX has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently
for more than 25 years. Products have been developed and tested specifically for automotive applications and all
manufacturing facilities are QS9000 and VDA 6.4 approved.
KYOCERA AVX is using AECQ200 as the qualification vehicle for this transition. A detailed qualification package is
available on request and contains results on a range of part numbers.
HOW TO ORDER
0805
5
A
K
4
2
A
T
104
Dielectric
NP0 = A
X7R = C
X8R = F
Capacitance
Tolerance
B = ± 0.1pF (<10pF)*
C = ± 0.25pF (<10pF)*
D = ± 0.5pF (<10pF)*
F = ± 1%*
G = ± 2%*
J = ± 5% (<=1µF)
K = ± 10%
M = ± 20%
*NPO only
Failure
Rate
4=Automotive
Packaging
2 = 7" Reel
4 = 13" Reel
Special Code
A = Std.Product
Terminations
T=PlatedNiandSn
Z=FLEXITERM®**
U=ConductiveEpo
**X7R
X8Ronly
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
e.g. 10 F = 106
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
35V = D
50V = 5
100V = 1
200V = 2
500V = 7
Contact factory for availability of Tolerance Options for Specific Part Numbers.
NOTE: Contact factory for non-specified capacitance values
0402 case size available in T termination only.
Size
0402
0603
0805
1206
1210
1812
COMMERCIAL VS AUTOMOTIVE MLCC PROCESS COMPARISON
Commercial
Automotive
Administrative
Standard Part Numbers.
No restriction on who purchases these parts.
Specific Automotive Part Number. sed to control supply of
product to Automotive customers.
Lot Qualification (Destructive
Physical Analysis - DPA)
As per EIA RS469
Increased sample plan stricter criteria.
Visual/Cosmetic Quality
Standard process and inspection
100% inspection
Application Robustness
Standard sampling for accelerated wave solder on
X7R dielectrics
Increased sampling for accelerated wave solder on X7R and
NP0 followed by lot by lot reliability testing.
All Tests have Accept/Reject Criteria 0/1
TDS-SMDMLCC-0005 | Rev 1
– surface mount ceramic capacitor products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


同様の部品番号 - 0402YC104F4U4A

メーカー部品番号データシート部品情報
logo
AVX Corporation
0402YC104F4U4A AVX-0402YC104F4U4A Datasheet
386Kb / 5P
General Specifications
More results

同様の説明 - 0402YC104F4U4A

メーカー部品番号データシート部品情報
logo
AVX Corporation
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
Automotive MLCC
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
Automotive MLCC
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
Automotive MLCC Automotive
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com