データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CTRL_MEAS データシート(PDF) 11 Page - Omron Electronics LLC

部品番号 CTRL_MEAS
部品情報  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS データシート(HTML) 11 Page - Omron Electronics LLC

Back Button CTRL_MEAS Datasheet HTML 7Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 8Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 9Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 10Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 11Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 12Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 13Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 14Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
11
Copyright 2017 OMRON Corporation. All Rights Reserved.
⑦
Correction pressure without temperature compensation can be calculated by using the below formula and the values
of the step ② and ⑥.
3
2
2
2
2
3
21
12
2
2
11
1
1
00
Pr
Dp
bp
Tr
Dp
b
Tr
Dp
b
Dp
bp
Tr
bt
Tr
Dp
b
Dp
bp
Tr
bt
b
   
Pr
Calculation Result of Pressure [Pa]
Tr
Calculation Result of Temperature ( Tr/256 = Temperature [degreeC] )
Dp
Raw Pressure Data [digit] ( 20-24bits measurement value of PRESS_TXDx Reg. )
b00
Compensation Coefficient of Pressure ( NVM resister: COE_b00_ex, COE_b00_0, COE_b00_1 )
bt1
Compensation Coefficient of Pressure ( NVM resister: COE_bt1_0, COE_bt1_1 )
bp1
Compensation Coefficient of Pressure ( NVM resister: COE_bp1_0, COE_bp1_1 )
b11
Compensation Coefficient of Pressure ( NVM resister: COE_b11_0, COE_b11_1 )
bt2
Compensation Coefficient of Pressure ( NVM resister: COE_bt2_0, COE_bt2_1 )
bp2
Compensation Coefficient of Pressure ( NVM resister: COE_bp2_0, COE_bp2_1 )
b12
Compensation Coefficient of Pressure ( NVM resister: COE_b12_0, COE_b12_1 )
b21
Compensation Coefficient of Pressure ( NVM resister: COE_b21_0, COE_b21_1 )
bp3
Compensation Coefficient of Pressure ( NVM resister: COE_bp3_0, COE_bp3_1 )
How to get compensation coefficients
Each compensation coefficients can be calculated by using the below formula and conversion factors.
32767
OTP
S
A
K
・・・a1,a2,bt1,bt2,bp1,b11,bp2,b12,b21,bp3
16
OTP
K 
・・・・・・・a0,b00
K
Conversion factor
OTP
A
S
23-16bit
15-8bit
7-0bit
a1
-6.3E-03
4.3E-04
-
COE_a1_1
COE_a1_0
a2
-1.9E-11
1.2E-10
-
COE_a2_2
COE_a2_0
bt1
1.0E-01
9.1E-02
-
COE_bt1_1
COE_bt1_0
bt2
1.2E-08
1.2E-06
-
COE_bt2_1
COE_bt2_0
bp1
3.3E-02
1.9E-02
-
COE_bp1_1
COE_bp1_0
b11
2.1E-07
1.4E-07
-
COE_b11_1
COE_b11_0
bp2
-6.3E-10
3.5E-10
-
COE_bp2_1
COE_bp2_0
b12
2.9E-13
7.6E-13
-
COE_bp12_1
COE_bp12_0
b21
2.1E-15
1.2E-14
-
COE_bp21_1
COE_bp21_0
bp3
1.3E-16
7.9E-17
-
COE_bp3_1
COE_bp3_0
K
Conversion factor
OTP
19-12bit
11-4bit
3-0bit
a0
Offset value (20Q16)
COE_a0_1
COE_a0_0
COE_a0_ex
b00
Offset value (20Q16)
COE_b00_1
COE_b00_0
COE_b00_ex
TEMP(PRESS)_TXDx : Temperature and Pressure data : TXD0, TXD1 or TXD2
This sensor holds ADC data with 22 to 24 bits accuracy. It can be obtained as each 24 bits data. If there are redundant
data, the low order positions will be filled by zero (0). The shaded regions as shown below are valid data area.
bit
24
23
22
...
5
4
3
2
1
Note
22bits output
D21
D20
D19
...
D2
D1
D0
0
0
Temp/Press_ave=001
23bits output
D22
D21
D20
...
D3
D2
D1
D0
0
Temp/Press_ave=010
24bits output
D23
D22
D21
...
D4
D3
D2
D1
D0
Temp/Press_ave=011~111
※Dn(D23~
D0) : Sensor Data ……The value of n bit (1 or 0)
※The raw measurement values are unsigned 24bits values. The values need to do subtraction with 2
23
at 24bits output mode. Here is a programing example for Dt and Dp calculation.
)
23
,
2
(
)
0
_
(
)
8
)
1
_
((
)
16
)
2
_
((
)
23
,
2
(
)
0
_
(
)
8
)
1
_
((
)
16
)
2
_
((
pow
TXD
PRESS
TXD
PRESS
TXD
PRESS
Dp
pow
TXD
TEMP
TXD
TEMP
TXD
TEMP
Dt







Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24