| データシートサーチシステム |
|
HLMP-EJ26-R1000 データシート(PDF) 17 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EJ26-R1000 データシート(HTML) 17 Page - Broadcom Corporation. |
|
17 / 18 page ![]() HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps Broadcom AV02-0373EN 17 Acronyms and Definitions BIN: (i) Color bin only or VF bin only Applicable for part number with color bins but without VF bin OR part number with VF bins and no color bin OR (ii) Color bin incorporated with VF Bin Applicable for part number that have both color bin and VF bin Example: (i) Color bin only or VF bin only – BIN: 2 (represent color bin 2 only) – BIN: VB (represent VF bin “VB” only) (ii) Color bin incorporate with VF Bin – BIN: 2VB, where: 2 is color bin 2 only VB is VF bin "VB" |