| データシートサーチシステム |
|
E3JK-R2S3 データシート(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3JK-R2S3 データシート(HTML) 10 Page - Omron Electronics LLC |
|
10 / 13 page ![]() 10 E3JM/E3JK Safety Precautions Refer to Warranty and Limitations of Liability. This product is not designed or rated for ensuring safety of persons either directly or indirectly. Do not use it for such purposes. Do not use the product in atmospheres or environments that exceed product ratings. ● Designing Operation Note: The white part of the DIP switch indicates which setting is selected. Output Relay Contact If E3JM/E3JK is connected to a load with contacts that spark when the load is turned OFF (e.g., a contactor or valve), the normally-closed side may be turned ON before the normally-open side is turned OFF or vice-versa. If both normally-open output and normally-closed output are used simultaneously, apply an surge suppressor to the load. Refer to OMRON’s PCB Relays Catalog (X33) for typical examples of surge suppressors. WARNING Precautions for Correct Use E3JM Switch configuration Switch selection Timing charts Models without timer Models with timer ON-delay OFF-delay One-shot delay ON-delay OFF-delay One-shot delay Note: The operation selector is the same as that for models without a timer. MODE 0 1 D·ON L·ON Operation selector D·ON L·ON Dark-ON, Relay ON DC output switching element ON D·ON L·ON Light-ON, Relay ON, DC output switching element ON MODE 0 1 MODE 0 1 Incident light No incident light ON OFF ON OFF L ·ON D ·ON MODE 0 1 D·ON L·ON SW1 SW2 TIMER Operation Selector Selector switch for timer mode MODE 0 1 D·ON L·ON SW1 SW2 TIMER Both SW1 and SW2 at "0." MODE 0 1 D·ON L·ON SW1 SW2 TIMER Only SW2 at "1." MODE 0 1 D·ON L·ON SW1 SW2 TIMER Only SW1 at "1," which overrides either setting of SW2. L ·ON D ·ON T T Incident light No incident light ON OFF ON OFF L ·ON D ·ON T T Incident light No incident light ON OFF ON OFF L ·ON D ·ON T T Incident light No incident light ON OFF ON OFF Free Datasheet http://www.datasheetlist.com/ |