データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MN1380-RTA データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 MN1380-RTA
部品情報  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN1380-RTA データシート(HTML) 2 Page - Panasonic Semiconductor

  MN1380-RTA Datasheet HTML 1Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 2Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 3Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 4Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 5Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 6Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 7Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 8Page - Panasonic Semiconductor MN1380-RTA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
MN1380 Series
Microcomputer Peripheral LSIs
MN1380 Series Naming Conventions
The MN1380 series offers a wide selection of detection ranks, output types, package types, and packaging. All
combinations use the following naming conventions. When ordering, be sure to give the correct part number using
these naming conventions.
Winding direction for tape packaging
(TA) ...... Tape packaging for TO-92 type package
(TX) ...... Embossed tape packing for mini type package
(TW) ..... Embossed tape packing for mini type package
For further details, see the package specifications.
Detection voltage rank (C to U)
Output type:
Blank ········ CMOS output
1 ················ N-channel open drain output
2 ················ inverted CMOS output
Package:
0 ················ M type package
1 ················ TO-92 type package
2 ················ Mini type package
Matsushita Electronics Corporation MN1380 series of voltage detection CMOS
LSIs with low current consumptions
MN13821–R (TW)
(Example)
Embossed tape packaging
R rank (detection voltage of 4.0 to 4.3 V)
N-channel open drain output
Mini type package
MN1380 series of voltage detection CMOS LSIs with low current consumption
MN13801–R (TA)
Minimum Packaging Unit
Bulk (M and TO-92 types) ·············· 1,000
Magazine (Mini type) ······················ 50
Taping (Mini and TO-92 types) ······· 3,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20