データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CT815 データシート(PDF) 9 Page - CT Micro International Corporation

部品番号 CT815
部品情報  DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTMICRO [CT Micro International Corporation]
ホームページ  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT815 データシート(HTML) 9 Page - CT Micro International Corporation

Back Button CT815 Datasheet HTML 5Page - CT Micro International Corporation CT815 Datasheet HTML 6Page - CT Micro International Corporation CT815 Datasheet HTML 7Page - CT Micro International Corporation CT815 Datasheet HTML 8Page - CT Micro International Corporation CT815 Datasheet HTML 9Page - CT Micro International Corporation CT815 Datasheet HTML 10Page - CT Micro International Corporation CT815 Datasheet HTML 11Page - CT Micro International Corporation CT815 Datasheet HTML 12Page - CT Micro International Corporation CT815 Datasheet HTML 13Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.4
ALL RIGHTS RESERVED.
Page 9
Aug, 2022
CT815 Series
DC Input 4-Pin DMC-Isolator®
Photodarlington Optocoupler
Carrier Specifications Dimensions in mm unless otherwise stated
Tube Option Standard DIP
Tube Option M Type
Reel Dimension All dimensions are in mm, unless otherwise stated
Option S(T1/T2) & SL(T1/T2)
Option SLM(T1/T2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14