| データシートサーチシステム |
|
D2HWA282DR データシート(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D2HWA282DR データシート(HTML) 5 Page - Omron Electronics LLC |
|
5 / 11 page ![]() 5 D2HW Sealed Ultra Subminiature Basic Switch D 2 H W Contact form Contact Specifications Ratings Note. The above rating values apply under the following test conditions. (1) Ambient temperature: 20 ±2°C (2) Ambient humidity: 65 ±5 % (3) Operating frequency: 30 operations/min Approved Safety Standard Consult your OMRON sales representative for specific models with standard approvals. UL (UL1054/CSA C22.2 No.55) Characteristics Note. The data given above are initial values. *1. For the pin plunger models, the above values apply for use at the free position, operating position, and total travel position. For the lever models, they apply at the total travel position. Close or open circuit of the contact is 1ms max. *2. For testing conditions, consult your OMRON sales representative. ●SPDT ● SPST-NC, (Molded Lead Wire Models Only) ● SPST-NO, (Molded Lead Wire Models Only) COM (Black) NO (Blue) NC (Red) COM (Black) NC (Red) COM (Black) NO (Blue) Molded lead wire colors are indicated in parentheses. Contact Specification Crossbar Material Gold alloy Gap (standard value) 0.5 mm Minimum applicable load (see note) 5 VDC 1mA Rated voltage Resistive load 125 VAC 0.1A 12 VDC 24 VDC 42 VDC 2A 1A 0.5A Model D2HW Rated voltage Item Resistive load 125 VAC 0.1A 12 VDC 2A 24 VDC 1A 42 VDC 0.5A Permissible operating speed 1 mm to 500 mm/s (for pin plunger models) Permissible operating frequency 30 operations/min Insulation resistance 100 M Ω min. (at 500 VDC with insulation tester) Contact resistance (initial value) Terminals 100 m Ω max. Molded lead wire models 150 m Ω max. Dielectric strength Between terminals of the same polarity 600 VAC 50/60 Hz 1min Between current-carrying metal parts and ground 1,500 VAC 50/60 Hz 1 min Between terminals and non-current-carrying metal parts 1,500 VAC 50/60 Hz 1 min Vibration resistance * 1 Malfunction 10 to 55 Hz, 1.5 mm double amplitude Shock resistance Durability 1,000 m/s2 {approx. 100G} max. Malfunction * 1 300 m/s2 {approx. 30G} max. Durability * 2 Mechanical 1,000,000 operations min. (30 operations/min) Electrical 100,000 operations min. (20 operations/min) Degree of protection Terminals IEC IP67 (excluding the terminals on terminal models) molded lead wire models IEC IP67 Ambient operating temperature -40 to +85°C (at ambient humidity of 60% max.) (with no icing or condensation) Ambient operating humidity 95% max. (for +5 to +35°C) Weight Approx. 0.7 g (for pin plunger models with terminals) |