| データシートサーチシステム |
|
J409 データシート(PDF) 10 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
J409 データシート(HTML) 10 Page - Pulse A Technitrol Company |
|
10 / 12 page ![]() DISCRETE COMPONENTS IC IC Pulse Ports Configuration 1 Turns Ratio 2 Package Data Manufacturer Part No. Part No. Supported TX RX TX RX Style 3 L/W/H (in)* Sheet AMD AM79C90, AM79C98, FL1020 Single Port R, F, T, C R, F, T, C 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1020 AM79C100, AM79C940, E2003 Single Port R, F, T, C R, F, T, C 1CT:1 1CT:1 SMT 1.000 / .500 / .230 E115 AM79C960, AM79C961, J00-0025 Single T, C T, C 1CT:2.5 1CT:1 1x1 ICM 21.59 / 16.26 / 13.84 4 J414 AM79C965, AM79C970, PE-68017S Single Port F, T, C F, T, C 1CT:1 1CT:1 SIL 1.000 / .210 / .450 E104 AM79C971, AM79C981, SF1012 Single Port F, T, C F, T, C 1:1 1:1 SMT 1.010 / .380 / .246 SF1012 AM79C982, AM79C983, PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 AM79C961 (PC net-ISA II) FL1012 Single Port F, T, C F, T 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1012 PE-68068 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .600 / .650 / .084 E100 PE-68056 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 AM79C984, AM79C985, ST4190T Quad Port T, C T, C 1CT:1CT 1:1 SMT 1.112 / .625 / .230 ST4190T AM79C988, AM79C989 PE-68049L Quad Port T, C T 1CT:1CT 1:1 SMT 1.125 / .640 / .230 EC101 PE-68050L Quad Port T T 1CT:1CT 1:1 SMT 1.125 / .640 / .230 EC101 E5017 Single Port T, C T 1CT:1CT 1CT:1CT SMT .500 / .370 / .200 EC100 AM186CC15DN E2003 Single Port R, F, T, C R, F, T, C 1CT:1 1CT:1 SMT 1.000 / .500 / .230 E115 J00-0025 Single T, C T, C 1CT:2.5 1CT:1 1x1 ICM 21.59 / 16.26 / 13.84 4 J414 Cirrus Logic CS8900, CS8920 PE-68062L Quad Port T, C T 1CT:1.414CT 1:1 SMT 1.125 / .640 / .230 EC101 PE-68065L Quad Port T T 1CT:1.414CT 1:1 SMT 1.125 / .640 / .230 EC101 23Z356SM Single Port T, C T, C 1CT:1.414CT 1CT:1CT SMT .450 / .360 / .215 EC100 ST7010T Single Port T, C T, C 1CT:1.414CT 1CT:1CT SMT .457 / .375 / .230 ST7010T PE-65745 Single Port T T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 E2003 Single Port R, F, T, C R, F, T, C 1CT:1 1CT:1 SMT 1.000 / .500 / .230 E115 J00-0025 Single T, C T, C 1CT:2.5 1CT:1 1x1 ICM 21.59 / 16.26 / 13.84 4 J414 CS8900A-CQ3 E2023 Single Port T, C T, C 1CT:2.5CT 1CT:1CT SMT .500 / .375 / .230 EC100 E4005 Single Port T, C T, C 1CT:2.5CT 1CT:1CT SMT .500 / .375 / .230 EC100 J00-0025 Single T, C T, C 1CT:2.5 1CT:1 1x1 ICM 21.59 / 16.26 / 13.84 4 J414 CS8900A-RQ3 EX2024 Single Port T, C T, C 1CT:2.5CT 1CT:1CT SMT .500 / .370 / .200 EC100 Davicom DM9008 FL1020 Single Port R, F, T, C R, F, T, C 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1020 DM9009 PE-68017S Single Port F, T, C F, T, C 1CT:1 1CT:1 SIL 1.000 / .210 / .450 E104 DM9081 SF1012 Single Port F, T, C F, T, C 1:1 1:1 SMT 1.010 / .380 / .246 SF1012 DM9095 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 FL1012 Single Port F, T, C F, T 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1012 PE-68056 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 Fujitsu MB86967 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 PE-68030 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 MB86951, MB86961, 23Z356SM Single Port T, C T, C 1CT:1.414CT 1CT:1CT SMT .450 / .360 / .215 EC100 MB86964, MB86965B PE-68048 Single Port T, C T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 PE-65745 Single Port T T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 Intel LXT901A, LXT907A 23Z356SM Single Port T, C T, C 1CT:1.414CT 1CT:1CT SMT .450 / .360 / .215 EC100 (Level One) PE-68048 Single Port T, C T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 PE-65745 Single Port T T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 LXT905, LXT908 23Z467SM Single Port T, C T, C 1CT:2CT 1CT:1CT SMT .450 / .360 / .215 EC100 ST4202T Single Port T, C T, C 1CT:2CT 1CT:1CT SMT .477 / .360 / .223 ST4202T LXT902 FL1020 Single Port R, F, T, C R, F, T, C 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1020 PE-68017S Single Port F, T, C F, T, C 1CT:1 1CT:1 SIL 1.000 / .210 / .450 E104 SF1012 Single Port F, T, C F, T, C 1:1 1:1 SMT 1.010 / .380 / .246 SF1012 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 FL1012 Single Port F, T, C F, T 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1012 PE-68056 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 LXT914, LXT915, PE-68062L Quad Port T, C T 1CT:1.414CT 1:1 SMT 1.125 / .640 / .230 EC101 LXT916, LXT917, PE-68065L Quad Port T T 1CT:1.414CT 1:1 SMT 1.125 / .640 / .230 EC101 LXT918, LXT944 PE-68810 Quad Port T — — 1:1 (4X) SMT .500 / .370 / .200 EC100 PE-68820 Quad Port T — 1:1.414 (4X) — SMT .500 / .370 / .200 EC100 (continued on next page) NOTE: ICs are in groups. Each group works with all adjacent Pulse parts. *L/W/H is measured on surface mount parts tip to tip (height includes wash area). 1. Configuration: T = Transformer, F = Low Pass Filter, C = Choke, R = Pre-distortion Resistors 2. Turns Ratio is referenced chip side to media side. 3. Package Styles: DIL (Dual-In-Line Package), SIL (Single-In-Line Package), SMT (Surface Mount Package), PCMCIA (Ultra Low Profile–SMT) 4. Millimeters 36 www.pulseeng.com G003.U (2/07) LAN 10BASE-T IC Cross Reference LAN 10BASE-T IC CROSS REFERENCE (continued) |