| データシートサーチシステム |
|
STM32F405VG データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 204 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 54/203 DS8626 Rev 9 - - 60 82 M15 101 PD13 I/O FT - FSMC_A18/TIM4_CH2/ EVENTOUT - - - - 83 - 102 VSS S- - - - - - 84 J13 103 VDD S- - - - F2 61 85 M14 104 PD14 I/O FT - FSMC_D0/TIM4_CH3/ EVENTOUT/ EVENTOUT - - F1 62 86 L14 105 PD15 I/O FT - FSMC_D1/TIM4_CH4/ EVENTOUT - - - - 87 L15 106 PG2 I/O FT - FSMC_A12/ EVENTOUT - - - - 88 K15 107 PG3 I/O FT - FSMC_A13/ EVENTOUT - - - - 89 K14 108 PG4 I/O FT - FSMC_A14/ EVENTOUT - - - - 90 K13 109 PG5 I/O FT - FSMC_A15/ EVENTOUT - - - - 91 J15 110 PG6 I/O FT - FSMC_INT2/ EVENTOUT - - - - 92 J14 111 PG7 I/O FT - FSMC_INT3 /USART6_CK/ EVENTOUT - - - - 93 H14 112 PG8 I/O FT - USART6_RTS / ETH_PPS_OUT/ EVENTOUT - -- - 94 G12 113 VSS S- - - -- - 95 H13 114 VDD S- - - 37 F3 63 96 H15 115 PC6 I/O FT - I2S2_MCK / TIM8_CH1/SDIO_D6 / USART6_TX / DCMI_D0/TIM3_CH1/ EVENTOUT - 38 E1 64 97 G15 116 PC7 I/O FT - I2S3_MCK / TIM8_CH2/SDIO_D7 / USART6_RX / DCMI_D1/TIM3_CH2/ EVENTOUT - 39 E2 65 98 G14 117 PC8 I/O FT - TIM8_CH3/SDIO_D0 /TIM3_CH3/ USART6_CK / DCMI_D2/ EVENTOUT - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |