データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DC31A データシート(PDF) 21 Page - Microchip Technology

部品番号 DC31A
部品情報  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DC31A データシート(HTML) 21 Page - Microchip Technology

Back Button DC31A Datasheet HTML 17Page - Microchip Technology DC31A Datasheet HTML 18Page - Microchip Technology DC31A Datasheet HTML 19Page - Microchip Technology DC31A Datasheet HTML 20Page - Microchip Technology DC31A Datasheet HTML 21Page - Microchip Technology DC31A Datasheet HTML 22Page - Microchip Technology DC31A Datasheet HTML 23Page - Microchip Technology DC31A Datasheet HTML 24Page - Microchip Technology DC31A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 21
PIC24FJ256GA705 FAMILY
CTED1
2
27
19
21
I
ST
CTMU External Edge Inputs
CTED2
3
28
20
22
I
ST
CTED3
16
13
43
47
I
ST
CTED4
18
15
1
1
I
ST
CTED5
25
22
14
15
I
ST
CTED6
26
23
15
16
I
ST
CTED7
—
—
5
5
I
ST
CTED8
7
4
24
26
I
ST
CTED9
22
19
9
10
I
ST
CTED10
17
14
44
48
I
ST
CTED11
21
18
8
9
I
ST
CTED12
5
2
22
24
I
ST
CTED13
6
3
23
25
I
ST
CTPLS
24
21
11
12
O
DIG
CTMU Pulse Output
CVREF
25
22
14
15
O
ANA
Comparator Voltage Reference Output
CVREF+
2
27
19
21
I
ANA
Comparator Voltage Reference (high) Input
CVREF-
3
28
20
22
I
ANA
Comparator Voltage Reference (low) Input
INT0
16
13
43
47
I
ST
External Interrupt Input 0
IOCA0
2
27
19
21
I
ST
PORTA Interrupt-on-Change
IOCA1
3
28
20
22
I
ST
IOCA2
9
6
30
33
I
ST
IOCA3
10
7
31
34
I
ST
IOCA4
12
9
34
37
I
ST
IOCA7
—
—
13
14
I
ST
IOCA8
—
—
32
35
I
ST
IOCA9
—
—
35
38
I
ST
IOCA10
—
—
12
13
I
ST
IOCA11
—
—
—
8
I
ST
IOCA12
—
—
—
20
I
ST
IOCA13
—
—
—
32
I
ST
IOCA14
—
—
—
44
I
ST
TABLE 1-3:
PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
28-Pin SOIC,
SSOP, SPDIP
28-Pin QFN,
UQFN
44-Pin
TQFP
48-Pin
UQFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More