データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DC32B データシート(PDF) 22 Page - Microchip Technology

部品番号 DC32B
部品情報  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DC32B データシート(HTML) 22 Page - Microchip Technology

Back Button DC32B Datasheet HTML 18Page - Microchip Technology DC32B Datasheet HTML 19Page - Microchip Technology DC32B Datasheet HTML 20Page - Microchip Technology DC32B Datasheet HTML 21Page - Microchip Technology DC32B Datasheet HTML 22Page - Microchip Technology DC32B Datasheet HTML 23Page - Microchip Technology DC32B Datasheet HTML 24Page - Microchip Technology DC32B Datasheet HTML 25Page - Microchip Technology DC32B Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 22
 2016-2018 Microchip Technology Inc.
IOCB0
4
1
21
23
I
ST
PORTB Interrupt-on-Change
IOCB1
5
2
22
24
I
ST
IOCB2
6
3
23
25
I
ST
IOCB3
7
4
24
26
I
ST
IOCB4
11
8
33
36
I
ST
IOCB5
14
11
41
45
I
ST
IOCB6
15
12
42
46
I
ST
IOCB7
16
13
43
47
I
ST
IOCB8
17
14
44
48
I
ST
IOCB9
18
15
1
1
I
ST
IOCB10
21
18
8
9
I
ST
IOCB11
22
19
9
10
I
ST
IOCB12
23
20
10
11
I
ST
IOCB13
24
21
11
12
I
ST
IOCB14
25
22
14
15
I
ST
IOCB15
26
23
15
16
I
ST
IOCC1
—
—
26
28
I
ST
PORTC Interrupt-on-Change
IOCC2
—
—
27
29
I
ST
IOCC3
—
—
36
39
I
ST
IOCC4
—
—
37
40
I
ST
IOCC5
—
—
38
41
I
ST
IOCC6
—
—
2
2
I
ST
IOCC7
—
—
3
3
I
ST
IOCC8
—
—
4
4
I
ST
IOCC9
—
—
5
5
I
ST
MCLR
1
26
18
19
I
ST
Master Clear (device Reset) Input. This line
is brought low to cause a Reset.
OCM1A
16
13
43
47
O
DIG
MCCP1 Outputs
OCM1B
17
14
44
48
O
DIG
OCM1C
21
18
8
9
O
DIG
OCM1D
24
21
11
12
O
DIG
OCM1E
14
11
41
45
O
DIG
OCM1F
15
12
42
46
O
DIG
OSCI
9
6
30
33
I
ANA/ST Main Oscillator Input Connection
OSCO
10
7
31
34
O
ANA
Main Oscillator Output Connection
TABLE 1-3:
PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
28-Pin SOIC,
SSOP, SPDIP
28-Pin QFN,
UQFN
44-Pin
TQFP
48-Pin
UQFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More