| データシートサーチシステム |
|
MN13801-RTA データシート(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
MN13801-RTA データシート(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 20 page ![]() 2 MN1380 Series Microcomputer Peripheral LSIs MN1380 Series Naming Conventions The MN1380 series offers a wide selection of detection ranks, output types, package types, and packaging. All combinations use the following naming conventions. When ordering, be sure to give the correct part number using these naming conventions. Winding direction for tape packaging (TA) ...... Tape packaging for TO-92 type package (TX) ...... Embossed tape packing for mini type package (TW) ..... Embossed tape packing for mini type package For further details, see the package specifications. Detection voltage rank (C to U) Output type: Blank ········ CMOS output 1 ················ N-channel open drain output 2 ················ inverted CMOS output Package: 0 ················ M type package 1 ················ TO-92 type package 2 ················ Mini type package Matsushita Electronics Corporation MN1380 series of voltage detection CMOS LSIs with low current consumptions MN13821–R (TW) (Example) Embossed tape packaging R rank (detection voltage of 4.0 to 4.3 V) N-channel open drain output Mini type package MN1380 series of voltage detection CMOS LSIs with low current consumption MN13801–R (TA) Minimum Packaging Unit Bulk (M and TO-92 types) ·············· 1,000 Magazine (Mini type) ······················ 50 Taping (Mini and TO-92 types) ······· 3,000 |