| データシートサーチシステム |
|
H5AN4G6NAFR-RDC データシート(PDF) 28 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5AN4G6NAFR-RDC データシート(HTML) 28 Page - Hynix Semiconductor |
|
28 / 45 page ![]() Rev. 1.3 / Mar.2016 64 Table 9 - IDD4WC Measurement-Loop Pattern1 NOTE : 1. DQS_t, DQS_c are VDDQ. 2. BG1 is don’t care for x16 device. 3. C[2:0] are used only for 3DS device. 4. Burst Sequence driven on each DQ signal by Write Command. Datad 0 0 WR 0 1 1 0 1 1 0 0 0 0 0 0 0 0 0 D0=00, D1=FF D2=FF, D3=00 D4=FF, D5=00 D6=00, D7=FF D8=CRC 1,2 D, D 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 - 3,4 D#, D# 1 1 1 1 1 1 0 32 3 0 0 0 7 F 0 - 5 WR 0 1 1 0 1 1 0 1 1 0 0 0 7 F 0 D0=FF, D1=00 D2=00, D3=FF D4=00, D5=FF D6=FF, D7=00 D8=CRC 6,7 D, D 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 - 8,9 D#, D# 1 1 1 1 1 1 0 32 3 0 0 0 7 F 0 - 2 10-14 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 2 instead 3 15-19 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 3 instead 4 20-24 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 1 instead 5 25-29 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 2 instead 6 30-34 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 3 instead 7 35-39 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 0 instead 8 40-44 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 0 instead For x4 and x8 only 9 45-49 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 1 instead 10 50-54 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 2 instead 11 55-59 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 3 instead 12 60-64 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 1 instead 13 65-69 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 2 instead 14 70-74 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 3 instead 15 75-79 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 0 instead |