データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0603DA104F4U4A データシート(PDF) 2 Page - Kyocera Kinseki Corpotation

部品番号 0603DA104F4U4A
部品情報  Automotive MLCC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KSS [Kyocera Kinseki Corpotation]
ホームページ  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

0603DA104F4U4A データシート(HTML) 2 Page - Kyocera Kinseki Corpotation

  0603DA104F4U4A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 0603DA104F4U4A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 0603DA104F4U4A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 0603DA104F4U4A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 0603DA104F4U4A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
55
Automotive MLCC
NP0/X7R Dielectric
FLEXITERM FEATURES
a) Bend Test
The capacitor is soldered to the PC Board as shown:
a) Temperature Cycle testing
FLEXITERM® has the ability to withstand at least 1000 cycles
between -55°C and +125°C
Typical bend test results are shown below:
Style
Conventional
Soft Term
0603
>2mm
>5
0805
>2mm
>5
1206
>2mm
>5
TDS-SMDMLCC-0005 | Rev 1
– surface mount ceramic capacitor products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5