データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G5PZ データシート(PDF) 4 Page - Omron Electronics LLC

部品番号 G5PZ
部品情報  PCB Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5PZ データシート(HTML) 4 Page - Omron Electronics LLC

  G5PZ Datasheet HTML 1Page - Omron Electronics LLC G5PZ Datasheet HTML 2Page - Omron Electronics LLC G5PZ Datasheet HTML 3Page - Omron Electronics LLC G5PZ Datasheet HTML 4Page - Omron Electronics LLC G5PZ Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
G5PZ
PCB Power Relay
G
5
P
Z
■Approved Standards
The approval rating values for overseas standards are different from the performance values determined individually. Confirm the values
before use.
●UL Recognized:
(File No. E41515)
CSA Certified:
(File No. LR31928)
●EN/IEC, VDE Certified:
(Certificate No. 40042966)
●EN/IEC, TÜV Certified:
(Certificate No. R50408241)
●CQC Certified:
(Certificate No. CQC15002133270)
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G5PZ-1A
SPST-NO(1a)
5 to 24 VDC
16 A, 277 VAC (Resistive) 70°C
6,000
G5PZ-1A-E
20 A, 277 VAC (Resistive) 70°C
50,000
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G5PZ-1A
SPST-NO(1a)
5, 12, 24 VDC
16 A, 250 V AC (Resistive) 70°C
6,000
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G5PZ-1A-E
SPST-NO(1a)
5, 12, 24 VDC
20 A, 250 VAC (cos
φ=1) 70°C
50,000
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G5PZ-1A
SPST-NO(1a)
5, 12, 24 VDC
16 A, 250 VAC (cos
φ=1) 70°C
6,000
G5PZ-1A-E
20 A, 250 VAC (cos
φ=1) 70°C
50,000
Creepage distance
9.5 mm min.
Clearance distance
6.4 mm min.
Insulation material group
III a
Type of insulation coil-contact circuit
open contact circuit
Reinforced (Standerd : Pollution degree 2)
(High-capacity : Pollution degree 3)
Type of disconnection open contact circuit
Micro disconnection
Rated Insulation voltage
250 VAC
Pollution degree
2
Rated voltage system
250 V
Over voltage category
III
Category of protection according to IEC 61810-1
RT II
Tracking resistance according to IEC 60112
PTI 250 V min. (housing parts)
Flammability class according to UL94
V-0



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com