| データシートサーチシステム |
|
HLMP-EG30-R4000 データシート(PDF) 6 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EG30-R4000 データシート(HTML) 6 Page - Broadcom Corporation. |
|
6 / 18 page ![]() Broadcom AV02-0373EN 6 HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps Figure 1: Package Dimensions NOTE: 1. All dimensions are in millimeters (inches). 2. Tapers shown at top of leads (bottom of lamp package) indicate an epoxy meniscus that may extend about 1 mm (0.040 in.) down the leads. 3. For dome heights above lead standoff seating plane, d, lamp package B, see table. 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD 2.35 (0.093) MAX. CATHODE FLAT 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD CATHODE FLAT d 1.50 ± 0.15 (0.059 ± 0.006) PART NO. d HLMP-XX10 HLMP-XX17 HLMP-XX26 HLMP-XX32 A B 12.37 ± 0.25 (0.487 ± 0.010) 12.42 ± 0.25 (0.489 ± 0.010) 12.52 ± 0.25 (0.493 ± 0.010) 11.96 ± 0.25 (0.471 ± 0.010) |