| データシートサーチシステム |
|
MPFS250T データシート(PDF) 100 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MPFS250T データシート(HTML) 100 Page - Microchip Technology |
|
100 / 128 page ![]() Unit Max Typ Devices Parameter μs 35 33.2 MPF200T, TL, TS, TLS μs 35 33.2 MPF300T, TL, TS, TLS μs 35 33.2 MPF500T, TL, TS, TLS μs 511 494 MPF100T, TL, TS, TLS Factory digest run time μs 511 494 MPF200T, TL, TS, TLS μs 511 494 MPF300T, TL, TS, TLS μs 511 494 MPF500T, TL, TS, TLS 1. The entire sNVM is used as ROM. 2. Valid for user key 0 through 6. Note: These times do not include the power-up to functional timing overhead when using digest checks on power-up. 6.7.6 Zeroization Time This section describes zeroization time. A zeroization operation counts as one programming cycle. Table 123 • Zeroization Times for MPF100T, TL, TS, and TLS Devices Conditions Unit Max Typ Parameter Zip flag set ms 9 8 Time to enter zeroiza- tion Data erased ms 253 248 Time to destroy the fabric data 1 One iteration of scrub- bing ms 522 507 Time to destroy data in non-volatile memory (like new) 1, 2 One iteration of scrub- bing ms 536 520 Time to destroy data in non-volatile memory (non-recoverable) 1, 3 Full scrubbing s 0.9 0.8 Time to scrub the fabric data 1 Full scrubbing s 1.6 1.5 Time to scrub the pNV- M data (like new) 1, 2 Full scrubbing s 1.8 1.7 Time to scrub the fabric data pNVM data (non- recoverable) 1, 3 s 1.2 1.1 Time to verify 5 s 2.9 2.8 Total time to zeroize (like new) 1, 2 96 Microsemi Proprietary and Confidential. DS0147 Revision 1.0 AC Switching Characteristics |