| データシートサーチシステム |
|
MPFS250T-FCVG784I データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MPFS250T-FCVG784I データシート(HTML) 9 Page - Microchip Technology |
|
9 / 128 page ![]() 5 DC Characteristics This section lists the DC characteristics of the PolarFire SoC device. 5.1 Absolute Maximum Rating The following table lists the absolute maximum ratings for PolarFire SoC devices. Table 4 • Absolute Maximum Rating Unit Max Min Symbol Parameter V 1.13 –0.5 VDD Device core power sup- ply V 1.13 –0.5 VDDA Transceiver Tx and Rx lanes supply V 2.0 –0.5 VDD18 Programming and HSIO receiver supply V 2.7 –0.5 VDD25 Device core and device PLL high-voltage supply V 2.7 –0.5 VDDA25 Transceiver PLL high- voltage supply V 3.6 –0.5 VDD_XCVR_CLK Transceiver reference clock supply V 3.6 –0.5 XCVRVREF Global VREF for transceiver reference clocks V 2.0 –0.5 VDDIx HSIO DC I/O supply 2 V 3.6 –0.5 VDDIx GPIO DC I/O supply 2 V 3.6 –0.5 VDDI3 Dedicated I/O DC supply for JTAG and SPI V 3.6 –0.5 VDDAUXx GPIO auxiliary power supply for I/O bank x 2 V 3.8 –0.5 VIN Maximum DC input voltage on GPIO V 2.2 –0.5 VIN Maximum DC input voltage on HSIO V 1.26 –0.5 Transceiver VIN Transceiver receiver ab- solute input voltage V 3.6 –0.5 Transceiver REFCLK VIN Transceiver reference clock absolute input voltage 5 Microsemi Proprietary and Confidential. DS0147 Revision 1.0 DC Characteristics |