データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPFS250TLS-1FCVG484E データシート(PDF) 39 Page - Microchip Technology

部品番号 MPFS250TLS-1FCVG484E
部品情報  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCVG484E データシート(HTML) 39 Page - Microchip Technology

Back Button MPFS250TLS-1FCVG484E Datasheet HTML 35Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 36Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 37Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 38Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 39Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 40Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 41Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 42Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
5.2.1
Dedicated SPI Programming Port
To facilitate the use of various programming modes, PolarFire SoC FPGAs share dedicated SPI port pins between
the system controller and user logic embedded in the FPGA. User logic must instantiate the User SPI macro to gain
access to the pins from their design. The SPI port pins can be used as a master or slave programming port based
on the signal level on the dedicated SPI mode pin. The dedicated SPI Enable pin also allows an external SPI master
to program the on-board SPI flash without an external MUX by tri-stating the SPI MOSI/MISO/SS/CLK pins on the
PolarFire SoC FPGA.
The following illustration shows the SPI port facilitating the use of various programming modes.
Figure 5-1. SPI Programming Port
FPGA Fabric
System Controller
SPI Port Pins
MISO/MOSI/SS/CLK
SPI Enable
SPI Mode
SPI
Flash
External
SPI
Master
PolarFire® SoC FPGA
System Controller
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50