| データシートサーチシステム |
|
CSRT2010HT98L0-UP データシート(PDF) 2 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSRT2010HT98L0-UP データシート(HTML) 2 Page - Stackpole Electronics, Inc. |
|
2 / 8 page ![]() Rev Date: 3/28/2022 2 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com/ Please confirm technical specifications before you order and/or use. CSRT Series Thin Film Current Sensing Resistor Stackpole Electronics, Inc. Resistive Product Solutions Mechanical Specifications Electrical Specifications – Wide Termination 0.024 ± 0.001 0.012 ± 0.001 0.010 ± 0.002 0.006 ± 0.002 0.006 ± 0.002 inches 0.60 ± 0.03 0.30 ± 0.03 0.26 ± 0.05 0.15 ± 0.05 0.15 ± 0.05 mm 0.039 ± 0.004 0.020 ± 0.002 0.014 ± 0.002 0.008 ± 0.004 0.010 ± 0.004 inches 1.00 ± 0.10 0.50 ± 0.05 0.35 ± 0.05 0.20 ± 0.10 0.25 ± 0.10 mm 0.063 ± 0.004 0.031 ± 0.004 0.018 ± 0.004 0.010 ± 0.006 0.012 ± 0.006 inches 1.60 ± 0.10 0.80 ± 0.10 0.45 ± 0.10 0.25 ± 0.15 0.30 ± 0.15 mm 0.079 ± 0.004 0.049 ± 0.004 0.022 ± 0.004 0.014 ± 0.008 0.016 ± 0.008 inches 2.00 ± 0.10 1.25 ± 0.10 0.55 ± 0.10 0.35 ± 0.20 0.40 ± 0.20 mm 0.122 ± 0.004 0.063 ± 0.004 0.022 ± 0.004 0.016 ± 0.008 0.018 ± 0.008 inches 3.10 ± 0.10 1.60 ± 0.10 0.55 ± 0.10 0.40 ± 0.20 0.45 ± 0.20 mm 0.122 ± 0.004 0.098 ± 0.006 0.022 ± 0.004 0.020 ± 0.008 0.020 ± 0.008 inches 3.10 ± 0.10 2.50 ± 0.15 0.55 ± 0.10 0.50 ± 0.20 0.50 ± 0.20 mm 0.197 ± 0.008 0.098 ± 0.006 0.022 ± 0.004 0.024 ± 0.010 0.024 ± 0.010 inches 5.00 ± 0.20 2.50 ± 0.15 0.55 ± 0.10 0.60 ± 0.25 0.60 ± 0.25 mm 0.248 ± 0.008 0.126 ± 0.008 0.028 ± 0.006 0.026 ± 0.010 0.026 ± 0.010 inches 6.30 ± 0.20 3.20 ± 0.20 0.70 ± 0.15 0.65 ± 0.25 0.65 ± 0.25 mm CSRT0402 CSRT2512 (-UP) Type/Code Unit CSRT0201 CSRT0603 L Body Length W Body Width H Body Height I2 Bottom Termination I1 Top Termination CSRT0805 CSRT2010 CSRT1210 CSRT1206 (0.039 Ω - 10 Ω) 0.130 ± 0.008 0.067 ± 0.008 0.026 ± 0.008 0.008 ± 0.006 0.027 ± 0.008 inches 3.30 ± 0.20 1.70 ± 0.20 0.65 ± 0.20 0.20 ± 0.15 0.68 ± 0.20 mm I2 Bottom Termination Unit CSRT1206 (0.01 Ω - 0.038 Ω) Type/Code L Body Length W Body Width H Body Height I1 Top Termination 0.5% 1% 2% 5% ± 150 - ± 100 0.1 - 2 ± 150 - ± 100 0.1 - 2 ± 150 - ± 100 0.1 - 2 CSRT1225 3 17.32 38.73 0.01 - 0.019 0.02 - 2 CSRT1020 2 14.14 31.62 0.01 - 0.019 0.02 - 2 CSRT0612 1 10 22.36 0.01 - 0.019 0.02 - 2 Ohmic Range (Ω) and Tolerance TCR (ppm/ºC) Type/Code Power Rating (W) @ 70ºC Max Rated Current (A) Max Overload (A) |