データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0B1VB データシート(PDF) 41 Page - STMicroelectronics

部品番号 STM32G0B1VB
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB データシート(HTML) 41 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 37Page - STMicroelectronics STM32G0B1VB Datasheet HTML 38Page - STMicroelectronics STM32G0B1VB Datasheet HTML 39Page - STMicroelectronics STM32G0B1VB Datasheet HTML 40Page - STMicroelectronics STM32G0B1VB Datasheet HTML 41Page - STMicroelectronics STM32G0B1VB Datasheet HTML 42Page - STMicroelectronics STM32G0B1VB Datasheet HTML 43Page - STMicroelectronics STM32G0B1VB Datasheet HTML 44Page - STMicroelectronics STM32G0B1VB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 159 page
background image
DS13560 Rev 2
41/159
STM32G0B1xB/xC/xE
Pinouts, pin description and alternate functions
55
Figure 8. STM32G0B1NxY WLCSP52 pinout
1. The I/O pads supplied by VDDIO2 are shown in gray.
Top view
A
B
C
D
E
12345678
F
G
H
910 11
12 13
VDDIO
2
PC7
PC6
VSS
PA9
PA8
PB15
PB11
PB14
PB2
PB13
PB10
PB1
PA15
PD0
PA12
[PA10]
PA13
PA14-
BOOT0
PA11
[PA9]
PA10
PB7
PB12
PA2
PA6
PC5
PC4
PB0
PD3
PB3
PD2
PD1
PB6
PB9
PA1
PA5
PA4
PA7
PB5
PB4
VBAT
VREF+
PF2-
NRST
PA3
PC13
VDD/
VDDA
VSS/
VSSA
PF0-
OSC_IN
PF1-
OSC_
OUT
PA0
PB8
PC14-
OSC32
_IN
PC15-
OSC32
_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More