データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0B1CEU6 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STM32G0B1CEU6
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1CEU6 データシート(HTML) 10 Page - STMicroelectronics

Back Button STM32G0B1CEU6 Datasheet HTML 6Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 7Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 8Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 9Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 10Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 11Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 12Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 13Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
Introduction
STM32G0B1xB/xC/xE
10/159
DS13560 Rev 2
1
Introduction
This document provides information on STM32G0B1xB/xC/xE microcontrollers, such as
description, functional overview, pin assignment and definition, electrical characteristics,
packaging, and ordering codes.
Information on memory mapping and control registers is object of reference manual.
Information on Arm®(a) Cortex®-M0+ core is available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More