| データシートサーチシステム |
|
STM32F103XC データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103XC データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 143 page ![]() Pinouts and pin descriptions STM32F103xC, STM32F103xD, STM32F103xE 34/143 DS5792 Rev 13 L11 H8 F2 35 53 75 PB14 I/O FT PB14 SPI2_MISO/TIM1_CH2N USART3_RTS(9)/ - L12 G8 F1 36 54 76 PB15 I/O FT PB15 SPI2_MOSI/I2S2_SD TIM1_CH3N(9)/ - L9 K9 - - 55 77 PD8 I/O FT PD8 FSMC_D13 USART3_TX K9 J9 - - 56 78 PD9 I/O FT PD9 FSMC_D14 USART3_RX J9 H9 - - 57 79 PD10 I/O FT PD10 FSMC_D15 USART3_CK H9 G9 - - 58 80 PD11 I/O FT PD11 FSMC_A16 USART3_CTS L10 K10 - - 59 81 PD12 I/O FT PD12 FSMC_A17 TIM4_CH1 / USART3_RTS K10 J10 - - 60 82 PD13 I/O FT PD13 FSMC_A18 TIM4_CH2 G8 - - - - 83 VSS_8 S- VSS_8 -- F8 - - - - 84 VDD_8 S- VDD_8 -- K11 H10 - - 61 85 PD14 I/O FT PD14 FSMC_D0 TIM4_CH3 K12 G10 - - 62 86 PD15 I/O FT PD15 FSMC_D1 TIM4_CH4 J12 - - - - 87 PG2 I/O FT PG2 FSMC_A12 - J11 - - - - 88 PG3 I/O FT PG3 FSMC_A13 - J10 - - - - 89 PG4 I/O FT PG4 FSMC_A14 - H12 - - - - 90 PG5 I/O FT PG5 FSMC_A15 - H11 - - - - 91 PG6 I/O FT PG6 FSMC_INT2 - H10 - - - - 92 PG7 I/O FT PG7 FSMC_INT3 - G11 - - - - 93 PG8 I/O FT PG8 - - G10 - - - - 94 VSS_9 S- VSS_9 -- F10 - - - - 95 VDD_9 S- VDD_9 -- G12 F10 E1 37 63 96 PC6 I/O FT PC6 I2S2_MCK/ TIM8_CH1/SDIO_D6 TIM3_CH1 F12 E10 E2 38 64 97 PC7 I/O FT PC7 I2S3_MCK/ TIM8_CH2/SDIO_D7 TIM3_CH2 F11 F9 E3 39 65 98 PC8 I/O FT PC8 TIM8_CH3/SDIO_D0 TIM3_CH3 E11 E9 D1 40 66 99 PC9 I/O FT PC9 TIM8_CH4/SDIO_D1 TIM3_CH4 E12 D9 E4 41 67 100 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(9)/MCO - Table 5. High-density STM32F103xC/D/E pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |