| データシートサーチシステム |
|
STM32F405RG データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405RG データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 201 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 60/201 DocID022152 Rev 6 PG2 - A12 - - - - PG3 - A13 - - - - PG4 - A14 - - - - PG5 - A15 - - - - PG6 - - - INT2 - - PG7 - - - INT3 - - PD0 D2 D2 DA2 D2 Yes Yes PD1 D3 D3 DA3 D3 Yes Yes PD3 - CLK CLK - Yes - PD4 NOE NOE NOE NOE Yes Yes PD5 NWE NWE NWE NWE Yes Yes PD6 NWAIT NWAIT NWAIT NWAIT Yes Yes PD7 - NE1 NE1 NCE2 Yes Yes PG9 - NE2 NE2 NCE3 - - PG10 NCE4_1 NE3 NE3 - - - PG11 NCE4_2 - - - - - PG12 - NE4 NE4 - - - PG13 - A24 A24 - - - PG14 - A25 A25 - - - PB7 - NADV NADV - Yes Yes PE0 - NBL0 NBL0 - Yes - PE1 - NBL1 NBL1 - Yes - 1. Full FSMC features are available on LQFP144, LQFP176, and UFBGA176. The features available on smaller packages are given in the dedicated package column. 2. Ports F and G are not available in devices delivered in 100-pin packages. Table 8. FSMC pin definition (continued) Pins(1) FSMC LQFP100(2) WLCSP90 (2) CF NOR/PSRAM/ SRAM NOR/PSRAM Mux NAND 16 bit |